Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2901 Datasheet (PDF) - Maxim Integrated Products

MAX2901 Datasheet PDF - Maxim Integrated Products
Part # MAX2901
Download  MAX2901 Download
File Size   822.98 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands

MAX2901 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2901 Datasheet PDF - Maxim Integrated Products

Part # MAX2901
Download  MAX2901 Click to download

File Size   822.98 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands

MAX2901 Datasheet (HTML) - Maxim Integrated Products


MAX2901 Product details

General Description
The MAX2900–MAX2904 complete single-chip 200mW transmitters are designed for use in the 868MHz/915MHz frequency bands. The MAX2900/MAX2901/MAX2902 are compliant with the FCC CFR47 part 15.247 902MHz to 928MHz ISM-band specifications. MAX2903/MAX2904 are compliant with the ETSI EN330-220 specification for the European 868MHz ISM band.
These transmitter ICs offer a high level of integration while minimizing the number of external components. This is achieved by full integration of the transmit modulator, power amplifier, RF VCO, 8-channel frequency synthesizer, and baseband PN sequence lowpass filter. By filtering the BPSK modulation, the spurious emissions are reduced, enabling up to eight independent transmit channels in the U.S. ISM band. Inputs are provided for spread-spectrum BPSK, ASK, and OOK. FM can be achieved by directly modulating the VCO. The devices are intended primarily for use with an external differential antenna.

Features
♦ Versions for U.S. 902MHz to 928MHz Band and
   European 868MHz Band
♦ -7dBm to +23dBm Adjustable Differential RF
   Output Power
♦ +23dBm Output Power at 4.5V, +20dBm Output
   Power at 3.0V
♦ Support BPSK, OOK, ASK, and FM Modulations
♦ Modulation Filter for Direct Sequence BPSK up to
   8Mchips/s
♦ Fully Integrated VCO with On-Chip Tank
♦ Extremely Low Frequency Pulling for OOK
   Modulation (typ 60kHz peak, 5kHz RMS)
♦ Integrated Frequency Synthesizer for up to
   8 Channels (MAX2900)
♦ +2.7V to +4.5V Supply Operation
♦ Small 28-Pin QFN Package with Exposed Pad
   (5mm ✕ 5mm)

Applications
   Automatic Meter Reading
   Wireless Security Systems/Alarms
   Wireless Sensors
   Wireless Data Networks
   Wireless Building Control




Similar Part No. - MAX2901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2901 MAXIM-MAX2901 Datasheet
354Kb / 13P
Baluns Included for Single-Ended RF Output
Rev 0; 7/02
MAX2901EGI MAXIM-MAX2901EGI Datasheet
416Kb / 19P
200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 2; 12/07
MAX2901ETI+ MAXIM-MAX2901ETI+ Datasheet
378Kb / 17P
200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
2012
MAX2901EVKIT* MAXIM-MAX2901EVKIT* Datasheet
354Kb / 13P
Baluns Included for Single-Ended RF Output
Rev 0; 7/02
More results


Similar Description - MAX2901

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
logo
Maxim Integrated Produc...
MAX2900 MAXIM-MAX2900_07 Datasheet
416Kb / 19P
200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 2; 12/07
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
ISM TRANSMITTER
logo
Taoglas antenna solutio...
ILA09 TAOGLAS-ILA09 Datasheet
2Mb / 18P
ISM 915MHz Chip Antenna
logo
Melexis Microelectronic...
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
868/915MHz Transmitter
logo
Suntsu Electronics, Inc...
SATCA-5A3AF-ISB7 SUNTSU-SATCA-5A3AF-ISB7 Datasheet
1Mb / 4P
ISM 915MHz Band System
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
868MHz-915MHz ISM band antenna
REV A
MEA-868-SM MAXTENA-MEA-868-SM Datasheet
432Kb / 3P
External 868MHz ISM Antenna
REV A
logo
Maxim Integrated Produc...
MAX2900 MAXIM-MAX2900_V01 Datasheet
378Kb / 17P
200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
2012
logo
Maxtena Inc.
MPA-716-868 MAXTENA-MPA-716-868 Datasheet
1Mb / 3P
868MHz ISM passive Patch
REV A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com