Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-701ASDZ Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AFCT-701ASDZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AFCT-701ASDZ_15
Download  AFCT-701ASDZ Download
File Size   242.49 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description SFP Transceiver for SMF 10km links

AFCT-701ASDZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFCT-701ASDZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701ASDZ_15
Download  AFCT-701ASDZ Click to download

File Size   242.49 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description SFP Transceiver for SMF 10km links

AFCT-701ASDZ Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - AFCT-701ASDZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ Datasheet
242Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
logo
Broadcom Corporation.
AFCT-701ASDZ BOARDCOM-AFCT-701ASDZ Datasheet
242Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
More results


Similar Description - AFCT-701ASDZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ Datasheet
242Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
logo
Level One
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
SFP-4210 LVL1-SFP-4210 Datasheet
104Kb / 1P
1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701SDZ AVAGO-AFCT-701SDZ_15 Datasheet
272Kb / 18P
SFP Transceiver for SMF 10km links
logo
Broadcom Corporation.
AFCT-701ASDZ BOARDCOM-AFCT-701ASDZ Datasheet
242Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
logo
ATGBICS by Approved Tec...
RX-10KM-SFP-C ATGBICS-RX-10KM-SFP-C Datasheet
322Kb / 9P
RX-10KM-SFP Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1000LX-C ATGBICS-SFP-1000LX-C Datasheet
322Kb / 9P
SFP-1000LX NetScout Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-6DH-C ATGBICS-SFP-6DH-C Datasheet
322Kb / 9P
SFP-6DH Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com