Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3170 Datasheet (PDF) - Maxim Integrated Products

MAX3170 Datasheet PDF - Maxim Integrated Products
Part # MAX3170
Download  MAX3170 Download
File Size   344.53 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver

MAX3170 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3170 Datasheet PDF - Maxim Integrated Products

Part # MAX3170
Download  MAX3170 Click to download

File Size   344.53 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver

MAX3170 Datasheet (HTML) - Maxim Integrated Products


MAX3170 Product details

General Description
The MAX3170 is a three-driver/three-receiver multiprotocol transceiver that operates from a +3.3V single supply. The MAX3170, along with the MAX3171/MAX3173 and MAX3172/MAX3174, form a complete softwareselectable data terminal equipment (DTE) or data communications equipment (DCE) interface port that supports the V.28 (RS-232), V.11 (RS-449/V.36, EIA530, EIA530-A, X.21), and V.35 protocols. The MAX3170 transceiver carries the high-speed clock and data signals, while the MAX3171 or MAX3173 carries the control signals. The MAX3170 can be terminated by the MAX3172 or MAX3174 software-selectable resistor termination network or by a discrete termination network.

Features
♦ Industry’s First +3.3V Single-Supply Transceiver
♦ 3V/5V Logic-Compatible I/O
♦ Certified TBR-1 and TBR-2 Compliant (NET1 and
   NET2)—Pending Completion
♦ Supports V.28 (RS-232), V.11 (RS-449/V.36,
   EIA530, EIA530-A, X.21), and V.35 Protocols
♦ Software-Selectable DTE/DCE
♦ Complete DTE/DCE Port with MAX3171/MAX3173
   and MAX3172/MAX3174
♦ True Fail-Safe Receiver Operation
♦ Available in Small 28-Pin SSOP Package
♦ 10Mbps Operation (V.11/V.35)
♦ Requires Only Four Tiny Surface-Mount
   Capacitors
♦ All Transmitter Outputs Are Fault Protected to
   ±15V to Survive Cable Miswiring

Applications
   Data Networking
   PCI Cards
   CSU and DSU
   Telecommunications
   Data Routers




Similar Part No. - MAX3170

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3170 MAXIM-MAX3170 Datasheet
476Kb / 13P
Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
MAX3170EVKIT MAXIM-MAX3170EVKIT Datasheet
476Kb / 13P
Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
More results


Similar Description - MAX3170

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
Software-Selectable Multiprotocol Transceiver
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845 Datasheet
250Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com