Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3188E Datasheet (PDF) - Maxim Integrated Products

MAX3188E Datasheet PDF - Maxim Integrated Products
Part # MAX3188E
Download  MAX3188E Download
File Size   141.55 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6

MAX3188E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3188E Datasheet PDF - Maxim Integrated Products

Part # MAX3188E
Download  MAX3188E Click to download

File Size   141.55 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6

MAX3188E Datasheet (HTML) - Maxim Integrated Products


MAX3188E Product details

General Description
The MAX3188E/MAX3189E single RS-232 transmitters in a SOT23-6 package are for space- and cost-constrained applications requiring minimal RS-232 communications. These devices consume only 150µA of supply current from ±4.5V to ±6V supplies. They feature a shutdown input that reduces current consumption to only 1µA and forces the transmitter output into a high-impedance state. RS-232 data transmission is guaranteed up to 250kbps with the MAX3188E and up to 1Mbps with the MAX3189E.

Features
♦ Small 6-Pin SOT23 Package
♦ ESD-Protected RS-232 Output
   ±15kV per Human Body Model
   ±8kV per IEC 1000-4-2, Contact Discharge
   ±15kV per IEC 1000-4-2, Air-Gap Discharge
♦ 150µA Operating Supply Current
♦ Shutdown Reduces Supply Current to 1µA
♦ Guaranteed Data Rate
   1Mbps (MAX3189E)
   250kbps (MAX3188E)
♦ Three-State RS-232 Transmitter Output
♦ No External Components

Applications
   Diagnostic Ports
   Telecommunications
   Networking Equipment
   Set-Top Boxes
   Digital Cameras
   Hand-Held Equipment




Similar Part No. - MAX3188E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3188EUT-T MAXIM-MAX3188EUT-T Datasheet
159Kb / 8P
1Mbps, 1關A RS-232 Transmitters in SOT23-6
More results


Similar Description - MAX3188E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3188 MAXIM-MAX3188 Datasheet
159Kb / 8P
1Mbps, 1關A RS-232 Transmitters in SOT23-6
MAX3190-MAX3190E MAXIM-MAX3190-MAX3190E Datasheet
154Kb / 8P
±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
logo
Intersil Corporation
ICL3237E INTERSIL-ICL3237E Datasheet
302Kb / 12P
-15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
July 2004
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ICL3221EM RENESAS-ICL3221EM Datasheet
321Kb / 22P
±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com