Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3202E Datasheet (PDF) - Maxim Integrated Products

MAX3202E Datasheet PDF - Maxim Integrated Products
Part # MAX3202E
Download  MAX3202E Download
File Size   754.69 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces

MAX3202E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3202E Datasheet PDF - Maxim Integrated Products

Part # MAX3202E
Download  MAX3202E Click to download

File Size   754.69 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces

MAX3202E Datasheet (HTML) - Maxim Integrated Products


MAX3202E Product details

General Description
The MAX3202E/MAX3203E/MAX3204E/MAX3206E are low-capacitance ±15kV ESD-protection diode arrays designed to protect sensitive electronics attached to communication lines. Each channel consists of a pair of diodes that steer ESD current pulses to VCC or GND. The MAX3202E/MAX3203E/MAX3204E/MAX3206E protect against ESD pulses up to ±15kV Human Body Model, ±8kV Contact Discharge, and ±15kV Air-Gap Discharge, as specified in IEC 61000-4-2. These devices have a 5pF capacitance per channel, making them ideal for use on high-speed data I/O interfaces.

Features
♦ High-Speed Data Line ESD Protection
    ±15kV—Human Body Model
    ±8kV—IEC 61000-4-2, Contact Discharge
    ±15kV—IEC 61000-4-2, Air-Gap Discharge
♦ Tiny WLP Package Available
♦ Low 5pF Input Capacitance
♦ Low 1nA (max) Leakage Current
♦ Low 1nA Supply Current
♦ +0.9V to +5.5V Supply Voltage Range
♦ 2-, 3-, 4-, or 6-Channel Devices Available

Applications
    USB
    Video
    USB 2.0
    Cell Phones
    Ethernet
    SVGA Video Connections
    FireWire




Similar Part No. - MAX3202E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E Datasheet
152Kb / 9P
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202E MAXIM-MAX3202E Datasheet
231Kb / 9P
Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3202EETT MAXIM-MAX3202EETT Datasheet
231Kb / 9P
Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3202EETT+T MAXIM-MAX3202EETT+T Datasheet
152Kb / 9P
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202EETT+T MAXIM-MAX3202EETT+T Datasheet
231Kb / 9P
Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
More results


Similar Description - MAX3202E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_09 Datasheet
152Kb / 9P
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202E MAXIM-MAX3202E_11 Datasheet
231Kb / 9P
Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
logo
Texas Instruments
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com