Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3233E Datasheet (PDF) - Maxim Integrated Products

MAX3233E Datasheet PDF - Maxim Integrated Products
Part # MAX3233E
Download  MAX3233E Download
File Size   144.39 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors

MAX3233E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3233E Datasheet PDF - Maxim Integrated Products

Part # MAX3233E
Download  MAX3233E Click to download

File Size   144.39 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors

MAX3233E Datasheet (HTML) - Maxim Integrated Products


MAX3233E Product details

General Description
The MAX3233E/MAX3235E are EIA/TIA-232 and V.28/V.24 communications interfaces with automatic shutdown/wake-up features, high data-rate capabilities, and enhanced electrostatic discharge (ESD) protection. All transmitter outputs and receiver inputs are protected to ±15kV using IEC 1000-4-2 Air-Gap Discharge, to ±8kV using IEC 1000-4-2 Contact Discharge, and to ±15kV using the Human Body Model. The MAX3233E operates from a +3.3V supply; the MAX3235E operates from +5.0V.
All devices achieve a 1µA supply current using Maxim’s revolutionary AutoShutdown Plus™ feature. These devices automatically enter a low-power shutdown mode when the following two conditions occur: either the RS-232 cable is disconnected or the transmitters of the connected peripherals are inactive, and the UART driving the transmitter inputs is inactive for more than 30 seconds. They turn on again when they sense a valid transition at any transmitter or receiver input. AutoShutdown Plus saves power without changes to the existing BIOS or operating system.

Features
♦ ESD Protection for RS-232 I/O Pins
   ±15kV—Human Body Model
   ±8kV—IEC 1000-4-2, Contact Discharge
   ±15kV—IEC 1000-4-2, Air-Gap Discharge
♦ Latchup Free
♦ 1µA Supply Current
♦ AutoShutdown Plus—1997 EDN Magazine Innovation of the Year
♦ Single-Supply Operation
   +3.0V to +3.6V (MAX3233E)
   +4.5V to +5.5V (MAX3235E)
♦ 250kbps Guaranteed Data Rate
♦ 6V/µs Guaranteed Slew Rate
♦ Meets EIA/TIA-232 Specifications Down to 3.0V (MAX3233E)
♦ Internal Charge-Pump Capacitors

Applications
  Subnotebook and Palmtop Computers
  Cellular Phones
  Battery-Powered Equipment
  Hand-Held Equipment
  Peripherals
  Embedded Systems




Similar Part No. - MAX3233E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233E MAXIM-MAX3233E Datasheet
263Kb / 12P
짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECPP MAXIM-MAX3233ECPP Datasheet
263Kb / 12P
짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP MAXIM-MAX3233ECWP Datasheet
263Kb / 12P
짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX3233EEPP MAXIM-MAX3233EEPP Datasheet
263Kb / 12P
짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
More results


Similar Description - MAX3233E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
May 31, 2006
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com