Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3264 Datasheet (PDF) - Maxim Integrated Products

MAX3264 Datasheet PDF - Maxim Integrated Products
Part # MAX3264
Download  MAX3264 Download
File Size   344.39 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers

MAX3264 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3264 Datasheet PDF - Maxim Integrated Products

Part # MAX3264
Download  MAX3264 Click to download

File Size   344.39 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers

MAX3264 Datasheet (HTML) - Maxim Integrated Products


MAX3264 Product details

General Description
The 1.25Gbps MAX3264/MAX3268/MAX3768 and the 2.5Gbps MAX3265/MAX3269/MAX3765 limiting amplifiers are designed for Gigabit Ethernet and Fibre Channel optical receiver systems. The amplifiers accept a wide range of input voltages and provide constant level output voltages with controlled edge speeds. Additional features include RMS power detectors with programmable loss-of-signal (LOS) indication, an optional squelch function that mutes the data output signal when the input voltage falls below a programmable threshold, and excellent jitter performance.
The MAX3264/MAX3265/MAX3765 feature current-mode logic (CML) data outputs that are tolerant of inductive connectors and a 16-pin TSSOP package, making these circuits ideal for GBIC receivers. The MAX3268/MAX3269/MAX3768 feature standards-compliant positive-referenced emitter-coupled logic (PECL) data outputs and are available in a tiny 10-pin µMAX package that is ideal for small-form-factor (SFF) receivers.

Features
♦ +3.0V to +5.5V Supply Voltage
♦ Low Deterministic Jitter
   14ps (MAX3264)
   11ps (MAX3265/MAX3765)
♦ 150ps (max) Edge Speed (MAX3265/MAX3765)
   300ps (max) Edge Speed (MAX3264)
♦ Programmable Signal-Detect Function
♦ Choice of CML or PECL Output Interface
♦ 10-Pin µMAX or 16-Pin TSSOP Package

Applications
   Gigabit Ethernet Optical Receivers
   Fibre Channel Optical Receivers
   System Interconnect
   ATM Optical Receivers




Similar Part No. - MAX3264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3264C/D MAXIM-MAX3264C/D Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3264CUE MAXIM-MAX3264CUE Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3264CUE+ MAXIM-MAX3264CUE+ Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
More results


Similar Description - MAX3264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com