Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3273 Datasheet (PDF) - Maxim Integrated Products

MAX3273 Datasheet PDF - Maxim Integrated Products
Part # MAX3273
Download  MAX3273 Download
File Size   984.08 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.5Gbps Low-Power Laser Driver

MAX3273 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3273 Datasheet PDF - Maxim Integrated Products

Part # MAX3273
Download  MAX3273 Click to download

File Size   984.08 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.5Gbps Low-Power Laser Driver

MAX3273 Datasheet (HTML) - Maxim Integrated Products


MAX3273 Product details

General Description
The MAX3273 is a compact, low-power laser driver for applications up to 2.7Gbps. The device uses a single +3.3V supply and typically consumes 30mA. The bias and modulation current levels are programmed by external resistors. An automatic power-control (APC) loop is incorporated to maintain a constant average optical power over temperature and lifetime. The laser driver is fabricated using Maxim’s in-house, second generation SiGe process.

Features
♦ 30mA Power-Supply Current
♦ Single +3.3V Power Supply
♦ Up to 2.7Gbps (NRZ) Operation
♦ Automatic Average Power Control with Failure Monitor
♦ Programmable Modulation Current from 5mA to 60mA
♦ Programmable Bias Current from 1mA to 100mA
♦ Typical Fall Time of 59ps
♦ Selectable Data Retiming Latch
♦ Complies with ANSI, ITU, and Bellcore SDH/SONET Specifications

Applications
    SONET OC-48 and SDH STM-16 Transmission Systems
    Add/Drop Multiplexers
    Digital Cross-Connects
    2.5Gbps Optical Transmitters




Similar Part No. - MAX3273

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273 Datasheet
689Kb / 11P
Single 3.3V Power-Supply Operation
Rev 0; 9/01
MAX3273E/D MAXIM-MAX3273E/D Datasheet
743Kb / 18P
3.3V, 2.5Gbps Low-Power Laser Driver
2007
MAX3273EGG MAXIM-MAX3273EGG Datasheet
743Kb / 18P
3.3V, 2.5Gbps Low-Power Laser Driver
2007
MAX3273ETG+ MAXIM-MAX3273ETG+ Datasheet
743Kb / 18P
3.3V, 2.5Gbps Low-Power Laser Driver
2007
MAX3273EVKIT MAXIM-MAX3273EVKIT Datasheet
689Kb / 11P
Single 3.3V Power-Supply Operation
Rev 0; 9/01
More results


Similar Description - MAX3273

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Micrel Semiconductor
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
3.3V, 2.5Gbps Burst Mode Laser Driver
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
3.3V, 2.5Gbps Burst Mode Laser Driver
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
3.3V, 2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273_V01 Datasheet
743Kb / 18P
3.3V, 2.5Gbps Low-Power Laser Driver
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com