Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX335 Datasheet (PDF) - Maxim Integrated Products

MAX335 Datasheet PDF - Maxim Integrated Products
Part # MAX335
Download  MAX335 Download
File Size   121.6 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serial Controlled, 8-Channel SPST Switch

MAX335 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX335 Datasheet PDF - Maxim Integrated Products

Part # MAX335
Download  MAX335 Click to download

File Size   121.6 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serial Controlled, 8-Channel SPST Switch

MAX335 Datasheet (HTML) - Maxim Integrated Products


MAX335 Product details

General Description
The MAX335 analog switch with serial digital interface offers eight separately controlled single-pole-single-throw (SPST) switches. All switches conduct equally in either direction, and on-resistance (100Ω) is constant over the analog signal range.
These CMOS switches can operate continuously with power supplies ranging from ±4.5V to ±20V and handle rail-to-rail analog signals. Upon power-up, all switches are off, and the internal serial and parallel shift registers are reset to zero. The MAX335 is equivalent to two DG211 quad switches but controlled by a serial interface.
The interface is compatible with the Motorola SPI interface standard. Functioning as a shift register, this serial interface allows data (at DIN) to be locked in synchronous with the rising edge of clock (SCLK). The shift register’s output (DOUT) enables several MAX335s to be daisy chained.

Features
● 8 Separately Controlled SPST Switches
● SPI-Compatible Serial Interface
● Accepts ±15V Analog Swings
● Multiple Devices Can Be Daisy-Chained

Applications
● Serial Data Acquisition and Process Control
● Avionics
● Signal Routing
● Networking




Similar Part No. - MAX335

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
943Kb / 14P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
MAX3353E MAXIM-MAX3353E Datasheet
370Kb / 21P
USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3353EEBP-T MAXIM-MAX3353EEBP-T Datasheet
370Kb / 21P
USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3353EEUE MAXIM-MAX3353EEUE Datasheet
370Kb / 21P
USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
/-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
More results


Similar Description - MAX335

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
JSC ALFA.
AS16M1 ALFA-AS16M1 Datasheet
538Kb / 4P
Serial Controlled, 16-Channel SPCO Switch
logo
Maxim Integrated Produc...
MAX14724 MAXIM-MAX14724 Datasheet
1Mb / 25P
Serial-Controlled 8:4 Matrix Switch Multiplexer
19-7575; Rev 2; 9/15
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com