Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3372E Datasheet (PDF) - Maxim Integrated Products

MAX3372E Datasheet PDF - Maxim Integrated Products
Part # MAX3372E
Download  MAX3372E Download
File Size   533.91 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP

MAX3372E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3372E Datasheet PDF - Maxim Integrated Products

Part # MAX3372E
Download  MAX3372E Click to download

File Size   533.91 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP

MAX3372E Datasheet (HTML) - Maxim Integrated Products


MAX3372E Product details

General Description

The MAX3372E–MAX3379E and MAX3390E–MAX3393E ±15kV ESD-protected level translators provide the level
shifting necessary to allow data transfer in a multivoltage system. Externally applied voltages, VCCand VL, set the
logic levels on either side of the device. A low-voltage logic signal present on the VLside of the device appears
as a high-voltage logic signal on the VCCside of the device, and vice-versa.



Features

♦ Guaranteed Data Rate Options

  230kbps

  8Mbps (+1.2V ≤VL≤VCC≤+5.5V)

  10Mbps (+1.2V ≤VL≤VCC≤+3.3V)

  16Mbps (+1.8V ≤VL≤VCC≤+2.5V and +2.5V≤VL≤VCC≤+3.3V)

♦ Bidirectional Level Translation (MAX3372E/MAX3373E and MAX3377E/MAX3378E)

♦ Operation Down to +1.2V on VL

♦ ±15kV ESD Protection on I/O VCCLines

♦ Ultra-Low 1µA Supply Current in Three-State Output Mode

♦ Low-Quiescent Current (130µA typ)

♦ UCSP, TDFN, SOT23, and TSSOP Packages

♦ Thermal Short-Circuit Protection



Applications

    SPI™, MICROWIRE™, and I2C Level Translation

    Low-Voltage ASIC Level Translation

    Smart Card Readers

    Cell-Phone Cradles

    Portable POS Systems

    Portable Communication Devices

    Low-Cost Serial Interfaces

    Cell Phones

    GPS

    Telecommunications Equipment




Similar Part No. - MAX3372E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E Datasheet
490Kb / 31P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3372EEBL+T MAXIM-MAX3372EEBL+T Datasheet
490Kb / 31P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3372EEBL+T MAXIM-MAX3372EEBL+T Datasheet
2Mb / 26P
짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372EEBLT MAXIM-MAX3372EEBLT Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372EEBLT MAXIM-MAX3372EEBLT Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results


Similar Description - MAX3372E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com