Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3380E Datasheet (PDF) - Maxim Integrated Products

MAX3380E Datasheet PDF - Maxim Integrated Products
Part # MAX3380E
Download  MAX3380E Download
File Size   257.67 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins

MAX3380E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3380E Datasheet PDF - Maxim Integrated Products

Part # MAX3380E
Download  MAX3380E Click to download

File Size   257.67 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins

MAX3380E Datasheet (HTML) - Maxim Integrated Products


MAX3380E Product details

General Description
The MAX3380E/MAX3381E are +2.35V to +5.5V-powered EIA/TIA-232 and V.28/V.24 communication interfaces with low power requirements, high data-rate capabilities, and enhanced electrostatic discharge (ESD) protection on both the TTL and RS-232 sides. The MAX3380E/MAX3381E have two receivers and two transmitters. All RS-232 inputs, outputs, and logic input pins are protected to ±15kV using IEC 1000-4-2 Air Gap Discharge method and the Human Body Model, and ±8kV using IEC 1000-4-2 Contact Discharge method.
The proprietary low-dropout transmitter output stage enables true RS-232 performance from a +3.1V to +5.5V supply with a dual charge pump. The parts reduce the transmitter output levels to RS-232-compatible levels with no increase in supply current for supplies less than +3.1V and greater than +2.35V. The +2.35V to +5.5V operating range is fully compatible with lithium-ion (Li+) batteries. The charge pump requires only four small 0.1µF capacitors for operation.
The MAX3380E/MAX3381E transceivers use Maxim’s revolutionary AutoShutdown Plus™ feature to auto matically enter a 1µA shutdown mode. These devices shut down the on-board power supply and drivers when they do not sense a valid signal transition for 30 seconds on either the receiver or transmitter inputs.
The MAX3380E is capable of transmitting data at rates of 460kbps while maintaining RS-232 output levels, and the MAX3381E operates at data rates up to 250kbps. The MAX3381E offers a slower slew rate for applications where noise and EMI are issues. The MAX3380E/MAX3381E have a unique VL pin that allows interoperation in mixed-logic voltage systems down to +1.65V. Both input and output logic levels are referenced to the VL pin. The MAX3380E/MAX3381E are available in a space-saving TSSOP package.

Features
♦ ±15kV ESD Protection on All CMOS and RS-232
   Inputs and Outputs (Except INVALID)
      ±15kV Human Body Model
      ±15kV IEC 1000-4-2 Air-Gap Discharge
      ±8kV IEC 1000-4-2 Contact Discharge
♦ Operates Over Entire Li+ Battery Range
♦ Low Logic Threshold Down to +1.65V for
   Compatibility with Cell Phone Logic Supply Voltages
♦ 1µA Low-Power AutoShutdown Plus Mode
♦ Compatible with Next-Generation GSM Data Rates
♦ 20-Pin TSSOP Package

Applications
   Cell Phone Data Lump Cables
   PDA Data Lump Cables
   GPS Receivers
   Digital Cameras




Similar Part No. - MAX3380E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX338 MAXIM-MAX338 Datasheet
155Kb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338 Datasheet
1Mb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3384 MAXIM-MAX3384 Datasheet
221Kb / 11P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results


Similar Description - MAX3380E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238E MAXIM-MAX3238E Datasheet
235Kb / 14P
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
19-1632; Rev 1; 6/01
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Sipex Corporation
SP3282 SIPEX-SP3282 Datasheet
307Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX13223E MAXIM-MAX13223E Datasheet
187Kb / 11P
±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
Rev 0; 4/09
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
February 27, 2006
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Maxim Integrated Produc...
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
MAX13223E MAXIM-MAX13223E_V01 Datasheet
1Mb / 12P
짹70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
19-4585; Rev 3; 2/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com