Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3748 Datasheet (PDF) - Maxim Integrated Products

MAX3748 Datasheet PDF - Maxim Integrated Products
Part # MAX3748
Download  MAX3748 Download
File Size   414.61 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Compact 155Mbps to 3.2Gbps Limiting Amplifier

MAX3748 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3748 Datasheet PDF - Maxim Integrated Products

Part # MAX3748
Download  MAX3748 Click to download

File Size   414.61 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Compact 155Mbps to 3.2Gbps Limiting Amplifier

MAX3748 Datasheet (HTML) - Maxim Integrated Products


MAX3748 Product details

General Description
The MAX3748/MAX3748A multirate limiting amplifier functions as a data quantizer for SONET, Fibre Channel, and Gigabit Ethernet optical receivers. The amplifier accepts a wide range of input voltages and provides constantlevel current-mode logic (CML) output voltages with controlled edge speeds.

Features
♦ SFP Reference Design Available
♦ 16-Pin QFN Package with 3mm ✕ 3mm Footprint
♦ Single +3.3V Supply Voltage
♦ 86ps Rise and Fall Time
♦ Loss of Signal with Programmable Threshold
♦ RSSI Interface (with MAX3744 TIA)
♦ Output Disable
♦ Polarity Select
♦ 8.5psP-P Deterministic Jitter (3.2Gbps)

Applications
    Gigabit Ethernet SFF/SFP Transceiver Modules
    Fibre Channel SFF/SFP Transceiver Modules
    Multirate OC-3 to OC-48-FEC SFF/SFP
    Transceiver Modules




Similar Part No. - MAX3748

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748 Datasheet
370Kb / 13P
Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
MAX3748ETE MAXIM-MAX3748ETE Datasheet
370Kb / 13P
Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
MAX3748HETE MAXIM-MAX3748HETE Datasheet
370Kb / 13P
Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
More results


Similar Description - MAX3748

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3747 MAXIM-MAX3747 Datasheet
360Kb / 10P
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 0; 5/04
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
logo
Maxim Integrated Produc...
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
logo
Taiwan Memory Technolog...
I7330 TMT-I7330 Datasheet
109Kb / 1P
i7330 155Mbps to 4Gbps Low-Power Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com