Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3761 Datasheet (PDF) - Maxim Integrated Products

MAX3761 Datasheet PDF - Maxim Integrated Products
Part # MAX3761
Download  MAX3761 Download
File Size   584.24 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs

MAX3761 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3761 Datasheet PDF - Maxim Integrated Products

Part # MAX3761
Download  MAX3761 Click to download

File Size   584.24 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs

MAX3761 Datasheet (HTML) - Maxim Integrated Products


MAX3761 Product details

General Description
The MAX3761/MAX3762 limiting amplifiers, with 4mV sensitivity and PECL data outputs, are optimized for operation in low-cost, 622Mbps, LAN/ATM LAN fiber optics applications.

Features
♦ Chatter-Free Power Detector with Programmable Loss-of-Signal Outputs
♦ 4mV Input Sensitivity
♦ PECL Data Outputs
♦ Single 5V Power Supply
♦ 250ps Output Edge Speed
♦ Low 15ps Pulse-Width Distortion
♦ TTL Loss-of-Signal Interface Logic—MAX3761
♦ PECL Loss-of-Signal Interface Logic—MAX3762

Applications
    622Mbps LAN/ATM LAN Receivers
    155Mbps LAN/ATM LAN Receivers




Similar Part No. - MAX3761

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3761 MAXIM-MAX3761 Datasheet
335Kb / 12P
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
MAX3761E/D MAXIM-MAX3761E/D Datasheet
335Kb / 12P
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
MAX3761EEP+ MAXIM-MAX3761EEP+ Datasheet
335Kb / 12P
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
MAX3761 MAXIM-MAX3761_V01 Datasheet
335Kb / 12P
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
More results


Similar Description - MAX3761

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
logo
Micrel Semiconductor
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
MAX3761 MAXIM-MAX3761_V01 Datasheet
335Kb / 12P
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com