Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3770 Datasheet (PDF) - Maxim Integrated Products

MAX3770 Datasheet PDF - Maxim Integrated Products
Part # MAX3770
Download  MAX3770 Download
File Size   564.17 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.125Gbps/1.063Gbps, 3.3V Fibre Channel Repeaters

MAX3770 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3770 Datasheet PDF - Maxim Integrated Products

Part # MAX3770
Download  MAX3770 Click to download

File Size   564.17 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.125Gbps/1.063Gbps, 3.3V Fibre Channel Repeaters

MAX3770 Datasheet (HTML) - Maxim Integrated Products


MAX3770 Product details

General Description
The MAX3770 is a 2.125Gbps Fibre Channel repeater IC. The MAX3771 provides a pin-compatible solution for 1.063Gbps Fibre Channel. Both devices are optimized for use in Fibre Channel arbitrated-loop applications and operate from a 3.3V supply. The MAX3770 is compatible with Fibre Channel jitter tolerance requirements and can recover data signals with up to 0.7 unit interval (UI) jitter. The circuit’s fully integrated phase-locked loop (PLL) provides a frequency lock indication and does not need an external reference clock. The MAX3770 provides low-jitter CML clock and data outputs. To reduce the external parts count, all signal inputs and outputs are internally terminated. The MAX3770/MAX3771 are available in 16-pin QSOP packages.

Features
♦ Meet Fibre Channel Jitter Tolerance Requirements
♦ 3.0V to 3.6V Operation
♦ Internally Terminated Data and Clock I/O
♦ Reference Clock Not Required
♦ Frequency Lock Indication
♦ Low Power Consumption
   215mW at 3.3V (MAX3770)
   190mW at 3.3V (MAX3771)




Similar Part No. - MAX3770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3772 MAXIM-MAX3772 Datasheet
220Kb / 9P
Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
MAX3772CEE MAXIM-MAX3772CEE Datasheet
220Kb / 9P
Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
MAX3773 MAXIM-MAX3773 Datasheet
220Kb / 9P
Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
MAX3773CEE MAXIM-MAX3773CEE Datasheet
220Kb / 9P
Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
MAX3774 MAXIM-MAX3774 Datasheet
220Kb / 9P
Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
More results


Similar Description - MAX3770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
MAX3772 MAXIM-MAX3772 Datasheet
220Kb / 9P
Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
logo
FIDELIX
FXO-HC735RFC-10625 FIDELIX-FXO-HC735RFC-10625 Datasheet
257Kb / 2P
FIBRE CHANNEL
logo
Fox Electronics
FXO-LC735RFC-2125 FOX-FXO-LC735RFC-2125 Datasheet
187Kb / 15P
FIBRE CHANNEL
FXO-PC735RFC-2125 FOX-FXO-PC735RFC-2125 Datasheet
203Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-159375 FOX-FXO-PC735RFC-159375 Datasheet
203Kb / 2P
FIBRE CHANNEL
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57F5AMZ AVAGO-AFBR-57F5AMZ Datasheet
299Kb / 22P
Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFBR-57F5PZ AVAGO-AFBR-57F5PZ Datasheet
517Kb / 22P
Low Voltage (3.3V) Fibre Channel Optical Transceiver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com