Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX382 Datasheet (PDF) - Maxim Integrated Products

MAX382 Datasheet PDF - Maxim Integrated Products
Part # MAX382
Download  MAX382 Download
File Size   106.47 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs

MAX382 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX382 Datasheet PDF - Maxim Integrated Products

Part # MAX382
Download  MAX382 Click to download

File Size   106.47 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs

MAX382 Datasheet (HTML) - Maxim Integrated Products


MAX382 Product details

General Description
The MAX382/MAX384 are low-voltage, CMOS, 1-of-8 and dual 4-channel muxes with latchable digital inputs. They feature low-voltage operation from a +2.7V to +16.5V single supply and from ±3V to ±8V dual supplies. Pin compatible with the DG428/DG429, these muxes offer low on-resistance (100Ω max) matched to within 4Ω max between channels. Additional features include off leakage less than 2.5nA at +85°C and guaranteed low charge injection (10pC max). ESD protection is greater than 2000V per Method 3015.7.

Features
♦ Pin-Compatible with Industry-Standard DG428/DG429, DG528/DG529, MAX368/MAX369
♦ Single-Supply Operation (+2.7V to +16.5V) Bipolar Supply Operation (±3V to ±8V)
♦ Low Power Consumption (<300µW)
♦ Low On-Resistance, 100Ω max
♦ Guaranteed On-Resistance Match Between Channels, 4Ω max
♦ Low Leakage, 2.5nA at +85°C
♦ TTL/CMOS-Logic Compatible

Applications
    Battery-Operated Systems
    Audio Signal Routing
    Low-Voltage Data-Acquisition Systems
    Sample-and-Hold Circuits
    Automatic Test Equipment




Similar Part No. - MAX382

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3822 MAXIM-MAX3822 Datasheet
624Kb / 10P
3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822D MAXIM-MAX3822D Datasheet
1Mb / 14P
3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3822U MAXIM-MAX3822U Datasheet
1Mb / 14P
3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3822U/D MAXIM-MAX3822U/D Datasheet
624Kb / 10P
3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
More results


Similar Description - MAX382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428 AD-ADG428 Datasheet
157Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV.C
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com