Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM4600LR Datasheet (PDF) - Central Semiconductor Corp

CDM4600LR Datasheet PDF - Central Semiconductor Corp
Part # CDM4600LR
Download  CDM4600LR Download
File Size   1109.09 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 600V, N-Channel UltraMOS??Power MOSFETs

CDM4600LR Datasheet (PDF)

Go To PDF Page Download Datasheet
CDM4600LR Datasheet PDF - Central Semiconductor Corp

Part # CDM4600LR
Download  CDM4600LR Click to download

File Size   1109.09 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 600V, N-Channel UltraMOS??Power MOSFETs

CDM4600LR Datasheet (HTML) - Central Semiconductor Corp




Similar Part No. - CDM4600LR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDM4650 CENTRAL-CDM4650 Datasheet
1Mb / 2P
650V Medium Power MOSFETs
More results


Similar Description - CDM4600LR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
600V, 11A N-Channel UltraMOS??Power MOSFET
logo
Bruckewell Technology L...
MSL01N60 BWTECH-MSL01N60 Datasheet
593Kb / 6P
600V N-Channel MOSFETs
logo
Thinki Semiconductor Co...
TS20N60PB THINKISEMI-TS20N60PB Datasheet
851Kb / 3P
20A,600V N-Channel Planar Process Power MOSFETs
logo
Shindengen Electric Mfg...
P4B60HP2F SHINDENGEN-P4B60HP2F Datasheet
1Mb / 7P
Power MOSFETs 600V, 4A, N-channel
P15F60HP2F SHINDENGEN-P15F60HP2F Datasheet
1Mb / 8P
Power MOSFETs 600V, 15A, N-channel
P30W60HP2V SHINDENGEN-P30W60HP2V Datasheet
1Mb / 7P
Power MOSFETs 600V, 30A, N-channel
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com