Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3890 Datasheet (PDF) - Maxim Integrated Products

MAX3890 Datasheet PDF - Maxim Integrated Products
Part # MAX3890
Download  MAX3890 Download
File Size   155.2 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs

MAX3890 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3890 Datasheet PDF - Maxim Integrated Products

Part # MAX3890
Download  MAX3890 Click to download

File Size   155.2 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs

MAX3890 Datasheet (HTML) - Maxim Integrated Products


MAX3890 Product details

General Description
The MAX3890 serializer is ideal for converting 16-bit wide, 155Mbps parallel data to 2.5Gbps serial data in ATM and SDH/SONET applications. Operating from a single +3.3V supply, this device accepts low-voltage differential-signal (LVDS) clock and data inputs for interfacing with high-speed digital circuitry, and delivers positive-referenced emitter-coupled logic (PECL) serial data and clock outputs. A fully integrated phaselocked loop (PLL) synthesizes an internal 2.5GHz serial clock from a 155.52MHz, 77.76MHz, 51.84MHz, or 38.88MHz reference clock. A loopback data output is provided to facilitate system diagnostic testing.

Features
♦ Single +3.3V Supply
♦ 495mW Power Consumption
♦ Exceeds ANSI, ITU, and Bellcore Specifications
♦ 155Mbps (16-bit wide) Parallel to 2.5Gbps Serial
   Conversion
♦ Clock Synthesis for 2.5Gbps
♦ Multiple Clock Reference Frequencies
   (155.52MHz, 77.76MHz, 51.84MHz, 38.88MHz)
♦ LVDS Parallel Clock and Data Inputs
♦ Additional High-Speed Output for System
   Loopback Testing

Applications
   2.5Gbps SDH/SONET Transmission Systems
   2.5Gbps ATM/SONET Access Nodes
   Add/Drop Multiplexers
   Digital Cross-Connects
   ATM Backplanes




Similar Part No. - MAX3890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38902 MAXIM-MAX38902 Datasheet
1Mb / 7P
Evaluation Kit
Rev 0; 11/17
MAX38902A MAXIM-MAX38902A Datasheet
505Kb / 12P
12關VRMS Low Noise 500mA LDO Linear Regulator
19-100191; Rev 4; 10/18
MAX38902AATA+ MAXIM-MAX38902AATA+ Datasheet
505Kb / 12P
12關VRMS Low Noise 500mA LDO Linear Regulator
19-100191; Rev 4; 10/18
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902BATA+ MAXIM-MAX38902BATA+ Datasheet
505Kb / 12P
12關VRMS Low Noise 500mA LDO Linear Regulator
19-100191; Rev 4; 10/18
More results


Similar Description - MAX3890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3691 MAXIM-MAX3691 Datasheet
89Kb / 8P
3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-1207; Rev 0; 3/97
MAX3693 MAXIM-MAX3693 Datasheet
108Kb / 8P
3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 1; 4/99
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com