Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4023 Datasheet (PDF) - Maxim Integrated Products

MAX4023 Datasheet PDF - Maxim Integrated Products
Part # MAX4023
Download  MAX4023 Download
File Size   470.09 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain

MAX4023 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4023 Datasheet PDF - Maxim Integrated Products

Part # MAX4023
Download  MAX4023 Click to download

File Size   470.09 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain

MAX4023 Datasheet (HTML) - Maxim Integrated Products


MAX4023 Product details

General Description
The MAX4023–MAX4026 family of voltage feedback multiplexer-amplifiers combine low-glitch switching and excellent video specifications with fixed or settable gain. The MAX4024/MAX4026 are triple and quad 2:1 multiplexers, respectively, with amplifiers that have a fixed gain of +2. The MAX4023/MAX4025 are triple and quad 2:1 multiplexers, respectively, with adjustable gain amplifiers optimized for unity-gain stability. All devices have 25ns channel switching time and low 10mVP-P switching transients, making them ideal for high-speed video-switching applications. These devices operate from a single +4.5V to +11V supply or from dual supplies of ±2.25V to ±5.5V, and feature an input common-mode voltage range that extends to the negative supply rail. A low-power disable mode places the output in a high-impedance state.

Features
♦ Single +5V or Dual ±5V Operation
♦ 260MHz -3dB Bandwidth (MAX4023/MAX4025)
♦ 200MHz -3dB Bandwidth (MAX4024/MAX4026)
♦ 363V/µs Slew Rate (MAX4024/MAX4026)
♦ 25ns Channel Switching Time
♦ Ultra-Low 20mVP-P Switching Transient
♦ 0.012%/0.05° Differential Gain/Phase Error
♦ Input Common-Mode Range Includes Negative Rail (MAX4023/MAX4025)
♦ Low-Power Disable Mode
♦ Available in Space-Saving 14-Pin TSSOP and 16-Pin QSOP Packages

Applications
   Set-Top Boxes
   In-Car Navigation/Entertainment
   Servers
   Security Systems
   Video Projectors
   Notebook Computers
   Broadcast Video
   Video Crosspoint Switching




Similar Part No. - MAX4023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4023 MAXIM-MAX4023 Datasheet
410Kb / 23P
Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
MAX4023EEE MAXIM-MAX4023EEE Datasheet
410Kb / 23P
Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
MAX4023ESE MAXIM-MAX4023ESE Datasheet
410Kb / 23P
Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
MAX4023 MAXIM-MAX4023_09 Datasheet
410Kb / 23P
Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
More results


Similar Description - MAX4023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
Maxim Integrated Produc...
MAX4023 MAXIM-MAX4023_09 Datasheet
410Kb / 23P
Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com