Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4040 Datasheet (PDF) - Maxim Integrated Products

MAX4040 Datasheet PDF - Maxim Integrated Products
Part # MAX4040
Download  MAX4040 Download
File Size   199.46 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps

MAX4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4040 Datasheet PDF - Maxim Integrated Products

Part # MAX4040
Download  MAX4040 Click to download

File Size   199.46 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps

MAX4040 Datasheet (HTML) - Maxim Integrated Products


MAX4040 Product details

General Description
The MAX4040–MAX4044 family of micropower op amps operates from a single +2.4V to +5.5V supply or dual ±1.2V to ±2.75V supplies and have Rail-to-Rail® input and output capabilities. These amplifiers provide a 90kHz gain-bandwidth product while using only 10µA of supply current per amplifier. The MAX4041/MAX4043 have a low-power shutdown mode that reduces supply current to less than 1µA and forces the output into a high-impedance state. The combination of low-voltage operation, rail-to-rail inputs and outputs, and ultra-low power consumption makes these devices ideal for any portable/battery-powered system.

Features
♦ Single-Supply Operation Down to +2.4V
♦ Ultra-Low Power Consumption:
   10µA Supply Current per Amplifier
   1µA Shutdown Mode (MAX4041/MAX4043)
♦ Rail-to-Rail Input Common-Mode Range
♦ Outputs Swing Rail-to-Rail
♦ No Phase Reversal for Overdriven Inputs
♦ 200µV Input Offset Voltage
♦ Unity-Gain Stable for Capacitive Loads up to 200pF
♦ 90kHz Gain-Bandwidth Product
♦ Available in Space-Saving 5-Pin SOT23 and 8-Pin µMAX Packages

Applications
Battery-Powered Systems
Portable/Battery-Powered Electronic Equipment
Digital Scales
Strain Gauges
Sensor Amplifiers
Cellular Phones
Notebook Computers
PDAs




Similar Part No. - MAX4040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4040ESA MAXIM-MAX4040ESA Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4040EUA MAXIM-MAX4040EUA Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4040EUK-T MAXIM-MAX4040EUK-T Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Similar Description - MAX4040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com