Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C211-L Datasheet (PDF) - Solid State Optronic

AD2C211-L Datasheet PDF - Solid State Optronic
Part # AD2C211-L
Download  AD2C211-L Download
File Size   325.62 Kbytes
Page   8 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description Low Input Control Current (3mA TYP)

AD2C211-L Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2C211-L Datasheet PDF - Solid State Optronic

Part # AD2C211-L
Download  AD2C211-L Click to download

File Size   325.62 Kbytes
Page   8 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description Low Input Control Current (3mA TYP)

AD2C211-L Datasheet (HTML) - Solid State Optronic




Similar Part No. - AD2C211-L

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD2C211-L SOLIDSTATE-AD2C211-L Datasheet
337Kb / 8P
High Isolation Voltage (up to 5kVRMS)
AD2C211-LH SOLIDSTATE-AD2C211-LH Datasheet
337Kb / 8P
High Isolation Voltage (up to 5kVRMS)
AD2C211-LHS SOLIDSTATE-AD2C211-LHS Datasheet
337Kb / 8P
High Isolation Voltage (up to 5kVRMS)
AD2C211-LHSTR SOLIDSTATE-AD2C211-LHSTR Datasheet
337Kb / 8P
High Isolation Voltage (up to 5kVRMS)
AD2C211-LS SOLIDSTATE-AD2C211-LS Datasheet
337Kb / 8P
High Isolation Voltage (up to 5kVRMS)
More results


Similar Description - AD2C211-L

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
Low input biasing current: 25nA(Typ.)
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
Low Input Control Current (1.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
Low Input Control Current (1.75mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
Low Input Control Current (1mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
Low Input Control Current (1.5mA TYP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com