Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX399 Datasheet (PDF) - Maxim Integrated Products

MAX399 Datasheet PDF - Maxim Integrated Products
Part # MAX399
Download  MAX399 Download
File Size   101.85 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers

MAX399 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX399 Datasheet PDF - Maxim Integrated Products

Part # MAX399
Download  MAX399 Click to download

File Size   101.85 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers

MAX399 Datasheet (HTML) - Maxim Integrated Products


MAX399 Product details

General Description

The MAX398/MAX399 precision, monolithic, CMOS analog multiplexers (muxes) offer low on-resistance (less than 100Ω), which is matched to within 6Ω between channels and remains flat over the specified analog signal range (11Ωmax). They also offer low leakage over temperature (NO-off leakage current less than 2.5nA at +85°C) and fast switching speeds (transition time less than 250ns). The MAX398 is an 8-channel device, and the MAX399 is a dual 4-channel device.



Features

♦Pin Compatible with Industry-Standard DG408/DG409/DG508A/DG509A

♦Guaranteed On-Resistance Match Between Channels (<6Ω)

♦Low On-Resistance (<100Ω)

♦Guaranteed Flat On-Resistance over Signal Range (<11Ω)

♦Guaranteed Low Charge Injection (<5pC)

♦NO-Off Leakage Current <1nA at +85°C

♦COM-Off Leakage Current <2.5nA at +85°C

♦Electrostatic Discharge Protection >2000V

♦Single-Supply Operation (+3V to +15V)

  Bipolar-Supply Operation (±3V to ±8V)

♦Low Power Consumption (<300µW)

♦Rail-to-Rail Signal Handling

♦TTL/CMOS-Logic Compatible



Applications

Sample-and-Hold Circuits

Automatic Test Equipment

Heads-Up Displays

Guidance and Control Systems

Military Radios

Communications Systems

Battery-Operated Systems

PBX, PABX

Audio Signal Routing

Low-Voltage Data Acquisition Systems




Similar Part No. - MAX399

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
MAX3992UTG MAXIM-MAX3992UTG Datasheet
271Kb / 12P
10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
MAX3992UTG+* MAXIM-MAX3992UTG+* Datasheet
271Kb / 12P
10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
More results


Similar Description - MAX399

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX4518 MAXIM-MAX4518 Datasheet
170Kb / 12P
Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 5/98
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
15-Dec-14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com