Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX410 Datasheet (PDF) - Maxim Integrated Products

MAX410 Datasheet PDF - Maxim Integrated Products
Part # MAX410
Download  MAX410 Download
File Size   461.17 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps

MAX410 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX410 Datasheet PDF - Maxim Integrated Products

Part # MAX410
Download  MAX410 Click to download

File Size   461.17 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps

MAX410 Datasheet (HTML) - Maxim Integrated Products


MAX410 Product details

General Description
The MAX410/MAX412/MAX414 single/dual/quad op amps set a new standard for noise performance in high-speed, low-voltage systems. Input voltage-noise density is guaranteed to be less than 2.4nV/√Hz at 1kHz. A unique design not only combines low noise with ±5V operation, but also consumes 2.5mA supply current per amplifier. Low-voltage operation is guaranteed with an output voltage swing of 7.3VP-P into 2kΩ from ±5V supplies. The MAX410/MAX412/MAX414 also operate from supply voltages between ±2.4V and ±5V for greater supply flexibility.

Features
♦ Voltage Noise: 2.4nV/√Hz Max at 1kHz
♦ 2.5mA Supply Current Per Amplifier
♦ Low Supply Voltage Operation: ±2.4V to ±5V
♦ 28MHz Unity-Gain Bandwidth
♦ 4.5V/µs Slew Rate
♦ 250µV (max) Offset Voltage (MAX410/MAX412)
♦ 115dB (min) Voltage Gain

Applications
    Low-Noise Frequency Synthesizers
    Infrared Detectors
    High-Quality Audio Amplifiers
    Ultra Low-Noise Instrumentation Amplifiers
    Bridge Signal Conditioning




Similar Part No. - MAX410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100-MAX4101 MAXIM-MAX4100-MAX4101 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100ESA MAXIM-MAX4100ESA Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100EUA MAXIM-MAX4100EUA Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
More results


Similar Description - MAX410

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
logo
Linear Integrated Syste...
LT1213 LINEAR-LT1213_1 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Linear Technology
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1213 LINER-LT1213_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
LT1214 LINER-LT1214_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com