Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4135 Datasheet (PDF) - Maxim Integrated Products

MAX4135 Datasheet PDF - Maxim Integrated Products
Part # MAX4135
Download  MAX4135 Download
File Size   113.99 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Input/6-Output Video Distribution Amplifiers

MAX4135 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4135 Datasheet PDF - Maxim Integrated Products

Part # MAX4135
Download  MAX4135 Click to download

File Size   113.99 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Input/6-Output Video Distribution Amplifiers

MAX4135 Datasheet (HTML) - Maxim Integrated Products


MAX4135 Product details

General Description
The MAX4135/MAX4136 are 1-input/6-output voltage-feedback amplifiers that combine high speed with fast switching for video distribution applications. The MAX4135 is internally set for a closed-loop gain of 2V/V, while the MAX4136 can be externally set for gains of 2V/V or greater.

Features
♦ Fixed Gain of 2V/V (MAX4135)
    External Gain Set (MAX4136)
♦ High Speed:
    185MHz -3dB Bandwidth (MAX4135)
    140MHz -3dB Bandwidth (MAX4136)
    1000V/µs Slew Rate
♦ High Full-Power Bandwidths (VOUT = 2VP-P):
    185MHz (MAX4135)
    140MHz (MAX4136)
♦ 0.1dB Gain Flatness to 40MHz
♦ Low Differential Gain/Phase Error: 0.10%/0.02°
♦ High-Impedance Output Disable

Applications
    Video Switching and Distribution
    High-Resolution RGB CRT Monitors
    High-Speed Analog Bus Drivers
    RF Signal Processing
    Composite Video Preamplifiers




Similar Part No. - MAX4135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4135 MAXIM-MAX4135 Datasheet
109Kb / 12P
1-Input/4-Output Video Distribution Amplifiers
Rev 0; 6/96
MAX4135 MAXIM-MAX4135 Datasheet
120Kb / 4P
Evaluation Kit
Rev 1; 3/97
MAX4135EVKIT-SO MAXIM-MAX4135EVKIT-SO Datasheet
120Kb / 4P
Evaluation Kit
Rev 1; 3/97
MAX4135 MAXIM-MAX4135_97 Datasheet
120Kb / 4P
Evaluation Kit
Rev 1; 3/97
More results


Similar Description - MAX4135

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
2-INPUT 1-OUTPUT VIDEO SWITCH???
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Rohm
BA7654F ROHM-BA7654F Datasheet
80Kb / 8P
2-input, 1-output video signal switcher
logo
Maxim Integrated Produc...
MAX4137 MAXIM-MAX4137 Datasheet
109Kb / 12P
1-Input/4-Output Video Distribution Amplifiers
Rev 0; 6/96
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
2-Input 1-Output Video Switch
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
6-Input 1-Output Video Switch
logo
Elantec Semiconductor
EL4421C ELANTEC-EL4421C Datasheet
294Kb / 16P
Multiplexed-Input Video Amplifiers
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com