Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4141 Datasheet (PDF) - Maxim Integrated Products

MAX4141 Datasheet PDF - Maxim Integrated Products
Part # MAX4141
Download  MAX4141 Download
File Size   69.89 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 330MHz, 4x1 Precision Video Multiplexer

MAX4141 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4141 Datasheet PDF - Maxim Integrated Products

Part # MAX4141
Download  MAX4141 Click to download

File Size   69.89 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 330MHz, 4x1 Precision Video Multiplexer

MAX4141 Datasheet (HTML) - Maxim Integrated Products


MAX4141 Product details

General Description
The MAX4141 is a wideband 330MHz, 700V/µs 4x1 multiplexer optimized for high-definition, broadcast quality, composite (HDTV, NTSC, PAL, SECAM) video switching arrays. The device includes four open-loop buffer amplifiers with a 0.1dB gain flatness of 150MHz, and enable and switch-control logic. The MAX4141 operates from ±5V supplies and features differential phase and gain error of only 0.01°/0.01%. The ultra-low switching glitch (less than 13mV) is positive to avoid confusion with any sync pulses.

Features
♦ 330MHz -3dB Bandwidth
♦ 0.1dB Gain Flatness of 150MHz
♦ 700V/µs Slew Rate
♦ 0.01°/0.01% Differential Phase/Gain
♦ -66dB Crosstalk and -74dB Isolation at 30MHz
♦ High-Z Outputs when Disabled
♦ 3pF Input Capacitance
♦ Low Switching Glitch
♦ On-Board Control Logic

Applications
    Broadcast/HDTV-Quality Color Signal Multiplexing
    Video Routers and Crosspoint Arrays
    RF and IF Routing
    Graphics Color Signal Routing
    Telecom Routing
    Data Acquisition




Similar Part No. - MAX4141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX414 MAXIM-MAX414 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX414 MAXIM-MAX414 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX41400 MAXIM-MAX41400 Datasheet
398Kb / 7P
Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Analog Devices
MAX41400 AD-MAX41400 Datasheet
1Mb / 18P
Bidirectional Current Sense Amplifier with PWM-Rejection
Rev 8 2/21
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
More results


Similar Description - MAX4141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
logo
Gennum Corporation
GX434 GENNUM-GX434 Datasheet
200Kb / 9P
GX434 Monolithic 4x1 Video Multiplexer
GX214A GENNUM-GX214A Datasheet
175Kb / 5P
GX214A Monolithic 4x1 Video Multiplexer
GX4404 GENNUM-GX4404 Datasheet
127Kb / 3P
GX4404 Wideband, Monolithic 4x1 Video Multiplexer
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_06 Datasheet
307Kb / 12P
400MHz, 4x1 Video Crosspoint Switch
December 8, 2006
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
400MHz, 4x1 Video Crosspoint Switch
September 11, 2007
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
Wideband, Monolithic 4x1 Video Multiplexer
logo
National Instruments Co...
SCXI-1190 NI-SCXI-1190 Datasheet
428Kb / 3P
4x1 unterminated multiplexer/50 characteristic impedance
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
400MHz, 4x1 Video Crosspoint Switch
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com