Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4165 Datasheet (PDF) - Maxim Integrated Products

MAX4165 Datasheet PDF - Maxim Integrated Products
Part # MAX4165
Download  MAX4165 Download
File Size   230.46 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown

MAX4165 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4165 Datasheet PDF - Maxim Integrated Products

Part # MAX4165
Download  MAX4165 Click to download

File Size   230.46 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown

MAX4165 Datasheet (HTML) - Maxim Integrated Products


MAX4165 Product details

General Description
The MAX4165–MAX4169 family of operational amplifiers combines excellent DC accuracy with high output current drive, single-supply operation, and rail-to-rail inputs and outputs. These devices operate from a single +2.7V to +6.5V supply, or from dual ±1.35V to ±3.25V supplies. They typically draw 1.2mA supply current, and are guaranteed to deliver 80mA output current.
The MAX4166/MAX4168 have a shutdown mode that reduces supply current to 38µA per amplifier and places the outputs into a high-impedance state. The MAX4165–MAX4169’s precision performance combined with high output current, wide input/output dynamic range, single-supply operation, and low power consumption makes them ideal for portable audio applications and other low-voltage, battery-powered systems. The MAX4165 is available in the space-saving 5-pin SOT23 package and the MAX4166 is available in a tiny 2mm x 2mm x 0.8mm µDFN package.

Features
♦ 80mA (min) Output Drive Capability
♦ Rail-to-Rail Input Common-Mode Voltage Range
♦ Rail-to-Rail Output Voltage Swing
♦ 1.2mA Supply Current per Amplifier
♦ +2.7V to +6.5V Single-Supply Operation
♦ 5MHz Gain-Bandwidth Product
♦ 250µV Offset Voltage
♦ 120dB Voltage Gain (RL = 100kΩ)
♦ 88dB Power-Supply Rejection Ratio
♦ No Phase Reversal for Overdriven Inputs
♦ Unity-Gain Stable for Capacitive Loads to 250pF
♦ Low-Power Shutdown Mode:
   Reduces Supply Current to 38µA Places
   Outputs in High-Impedance State
♦ Available in 5-Pin SOT23 Package (MAX4165) or
   2mm x 2mm x 0.8mm µDFN (MAX4166)

  
Applications
   Portable/Battery-Powered Audio Applications
   Portable Headphone Speaker Drivers
   Laptop/Notebook Computers
   Sound Ports/Cards
   Set-Top Boxes
   Cell Phones
   Hands-Free Car Phones (kits)
   Signal Conditioning
   Digital-to-Analog Converter Buffers
   Transformer/Line Drivers
   Motor Drivers




Similar Part No. - MAX4165

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165 MAXIM-MAX4165 Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
More results


Similar Description - MAX4165

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
logo
ams AG
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4167ESA MAXIM-MAX4167ESA Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
MAX4166ELAT MAXIM-MAX4166ELAT Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com