Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4172 Datasheet (PDF) - Maxim Integrated Products

MAX4172 Datasheet PDF - Maxim Integrated Products
Part # MAX4172
Download  MAX4172 Download
File Size   95.38 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Precision, High-Side Current-Sense Amplifier

MAX4172 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4172 Datasheet PDF - Maxim Integrated Products

Part # MAX4172
Download  MAX4172 Click to download

File Size   95.38 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Precision, High-Side Current-Sense Amplifier

MAX4172 Datasheet (HTML) - Maxim Integrated Products


MAX4172 Product details

General Description
The MAX4172 is a low-cost, precision, high-side current sense amplifier for portable PCs, telephones, and other systems where battery/DC power-line monitoring is critical. High-side power-line monitoring is especially useful in battery-powered systems, since it does not interfere with the battery charger’s ground path. Wide bandwidth and ground-sensing capability make the device suitable for closed-loop battery-charger and general-purpose current source applications. The 0 to 32V input common-mode range is independent of the supply voltage, which ensures that current-sense feedback remains viable, even when connected to a battery in deep discharge.

Benefts and Features
● Ideal for High-Side Monitoring
   • 3V to 32V Supply Operation
   • ±0.5% Typical Full-Scale Accuracy Over Temperature
   • High Accuracy +2V to +32V Common-Mode
      Range, Functional Down to 0V, Independent of
      Supply Voltage
   • 800kHz Bandwidth [VSENSE = 100mV (1C)]
   • 200kHz Bandwidth [VSENSE = 6.25mV (C/16)]
● Minimizes Board Space Requirements
   • μMAX and SO Packages
  
Applications
● Portable PCs: Notebooks/Subnotebooks/Palmtops
● Battery-Powered/Portable Equipment
● Closed-Loop Battery Chargers/Current Sources
● Smart-Battery Packs
● Portable/Cellular Phones
● Portable Test/Measurement Systems
● Energy Management Systems




Similar Part No. - MAX4172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX4172 AD-MAX4172 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 5 12/20
logo
Maxim Integrated Produc...
MAX4172ESA+ MAXIM-MAX4172ESA+ Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
logo
Analog Devices
MAX4172ESA+ AD-MAX4172ESA+ Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 5 12/20
logo
Maxim Integrated Produc...
MAX4172ESA MAXIM-MAX4172ESA_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4172EUA+ MAXIM-MAX4172EUA+ Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results


Similar Description - MAX4172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
Low cost high-side current sense amplifier
26-Jun-2008
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com