Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4223 Datasheet (PDF) - Maxim Integrated Products

MAX4223 Datasheet PDF - Maxim Integrated Products
Part # MAX4223
Download  MAX4223 Download
File Size   243.33 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown

MAX4223 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4223 Datasheet PDF - Maxim Integrated Products

Part # MAX4223
Download  MAX4223 Click to download

File Size   243.33 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown

MAX4223 Datasheet (HTML) - Maxim Integrated Products


MAX4223 Product details

General Description
The MAX4223–MAX4228 current-feedback amplifiers combine ultra-high-speed performance, low distortion, and excellent video specifications with low-power operation. The MAX4223/MAX4224/MAX4226/MAX4228 have a shutdown feature that reduces power-supply current to 350µA and places the outputs into a high impedance state. These devices operate with dual supplies ranging from ±2.85V to ±5.5V and provide a typical output drive current of 80mA. The MAX4223/MAX4225/MAX4226 are optimized for a closed-loop gain of +1 (0dB) or more and have a -3dB bandwidth of 1GHz, while the MAX4224/MAX4227/MAX4228 are compensated for a closed-loop gain of +2 (6dB) or more, and have a -3dB bandwidth of 600MHz (1.2GHz gain-bandwidth product).

Features
♦ Ultra-High Speed and Fast Settling Time:
   1GHz -3dB Bandwidth (MAX4223, Gain = +1)
   600MHz -3dB Bandwidth (MAX4224, Gain = +2)
   1700V/µs Slew Rate (MAX4224)
   5ns Settling Time to 0.1% (MAX4224)
♦ Excellent Video Specifications (MAX4223):
   Gain Flatness of 0.1dB to 300MHz
   0.01%/0.02° DG/DP Errors
♦ Low Distortion:
   -60dBc THD (fc = 10MHz)
   42dBm Third-Order Intercept (f = 30MHz)
♦ 6.0mA Quiescent Supply Current (per amplifier)
♦ Shutdown Mode:
   350µA Supply Current (per amplifier)
   100kΩ Output Impedance
♦ High Output Drive Capability:
   80mA Output Current
   Drives up to 4 Back-Terminated 75Ω Loads to
   ±2.5V while Maintaining Excellent Differential
   Gain/Phase Characteristics
♦ Available in Tiny 6-Pin SOT23 and 10-Pin µMAX Packages

Applications
   ADC Input Buffers
   Data Communications
   Video Cameras
   Video Line Drivers
   Video Switches
   Video Multiplexing
   Video Editors
   XDSL Drivers
   RF Receivers
   Differential Line Drivers




Similar Part No. - MAX4223

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
55Kb / 4P
Optional Adjustable Gain
Rev 0; 8/97
MAX4223EVKIT MAXIM-MAX4223EVKIT Datasheet
55Kb / 4P
Optional Adjustable Gain
Rev 0; 8/97
MAX4223EVKIT-SO MAXIM-MAX4223EVKIT-SO Datasheet
55Kb / 4P
Optional Adjustable Gain
Rev 0; 8/97
More results


Similar Description - MAX4223

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Maxim Integrated Produc...
MAX4180 MAXIM-MAX4180 Datasheet
364Kb / 24P
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2; 8/98
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
500MHz Low Power Current Feedback Amplifiers with Enable
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
1GHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com