Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D Datasheet (PDF) - Future Technology Devices International Ltd.

FT311D Datasheet PDF - Future Technology Devices International Ltd.
Part # FT311D
Download  FT311D Download
File Size   1073.62 Kbytes
Page   40 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB Android Host IC

FT311D Datasheet (PDF)

Go To PDF Page Download Datasheet
FT311D Datasheet PDF - Future Technology Devices International Ltd.

Part # FT311D
Download  FT311D Click to download

File Size   1073.62 Kbytes
Page   40 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB Android Host IC

FT311D Datasheet (HTML) - Future Technology Devices International Ltd.


FT311D Product details

The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port. The device will bridge the USB port to six user selectable interface types and has the following advanced

features:
 Single chip USB to selectable interface.
 Entire USB protocol handled on the chip. No USB specific firmware programming required.
 Interface options selectable via 3 mode select pins.
 7 GPIO lines interface option
 Basic UART interface with RXD, TXD, RTS, CTS pins option.
 TX_ACTIVE signal for controlling transceivers on RS485 interfaces.
 4 PWM channels option.
 I2C master interface option.
 SPI Slave interface option supporting modes 0, 1, 2 and 3 with MSB/LSB options
 SPI Master interface option supporting modes 0, 1, 2 and 3 with MSB/LSB options.
 USB error indicator pin
 Suitable for use on any Android platform supporting Android Open Accessory Mode (Typically 3.1 onwards, however some platforms may port Open Accessory Mode to version 2.3.4)
 12MHz oscillator using external crystal.
 Integrated power-on-reset circuit.
 +3V3 Single Supply Operation with 5V tolerant inputs.
 USB 2.0 Full Speed compatible.
 Extended operating temperature range; -40⁰C to 85⁰C.
 Available in compact Pb-free 32 Pin LQFP and QFN packages (both RoHS compliant).




Similar Part No. - FT311D

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT311D-32L1C FTDI-FT311D-32L1C Datasheet
1Mb / 40P
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
FT311D-32L1C FTDI-FT311D-32L1C Datasheet
1Mb / 40P
USB Android Host IC
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT311D-32L1C-x FTDI-FT311D-32L1C-x Datasheet
1Mb / 40P
USB Android Host IC
FT311D-32Q1C FTDI-FT311D-32Q1C Datasheet
1Mb / 40P
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
More results


Similar Description - FT311D

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
Embedded USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
Vinculum VNC1L Embedded USB Host Controller IC
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
USB Android Host IC
FT312D-32Q1C-T FTDI-FT312D-32Q1C-T Datasheet
757Kb / 27P
USB Android Host IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
Vinculum-II Embedded Dual USB Host Controller IC
logo
Nanjing Qinheng Microel...
CH9343 WCH-CH9343 Datasheet
140Kb / 7P
USB Android Host Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com