Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAABJ50L Datasheet (PDF) - GOOD-ARK Electronics

GAABJ50L Datasheet PDF - GOOD-ARK Electronics
Part # GAABJ50L_15
Download  GAABJ50L Download
File Size   45.84 Kbytes
Page   1 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Press Fit Avalanche Automotive Rectifier Avalanche Voltage 20 to 24Volts Current 50 Amps

GAABJ50L Datasheet (PDF)

Go To PDF Page Download Datasheet
GAABJ50L Datasheet PDF - GOOD-ARK Electronics

Part # GAABJ50L_15
Download  GAABJ50L Click to download

File Size   45.84 Kbytes
Page   1 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Press Fit Avalanche Automotive Rectifier Avalanche Voltage 20 to 24Volts Current 50 Amps

GAABJ50L Datasheet (HTML) - GOOD-ARK Electronics


GAABJ50L Product details

Features
High power capability
Economical
Avalanche Voltage: 20V to 24V

Mechanical Data
Case: Copper case
Epoxy: UL94-0 rate flame ratardant
Chip: Glass passivated chip or oj chip
Polarity: As marked of case bottom
Technology vacuum soldered
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Weight: 0.229 ounces 6.48 grams




Similar Part No. - GAABJ50L_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GAABJ50L GOOD-ARK-GAABJ50L Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier
More results


Similar Description - GAABJ50L_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GAABJ40L GOOD-ARK-GAABJ40L_15 Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier Avalanche Voltage 20 to 24Volts Current 40 Amps
GAABJ40M GOOD-ARK-GAABJ40M_15 Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier Avalanche Voltage 37 to 41Volts Current 40 Amps
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
GAAL30 GOOD-ARK-GAAL30_15 Datasheet
53Kb / 1P
Press Fit Avalanche Automotive Rectifier (LUCAS) Avalanche Voltage 24 to 32Volts Current 30 Amps
GAAB40L GOOD-ARK-GAAB40L Datasheet
55Kb / 1P
Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 20 to 24Volts Current 40 Amps
GAAB40M GOOD-ARK-GAAB40M Datasheet
55Kb / 1P
Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 37 to 41Volts Current 40 Amps
GAABJ35L GOOD-ARK-GAABJ35L Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier Avalanche Voltage 20 to 24Volts Current 35 Amps
GAABJ35M GOOD-ARK-GAABJ35M Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier Avalanche Voltage 37 to 41Volts Current 35 Amps
GAABJ35Z GOOD-ARK-GAABJ35Z Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 35 Amps
GAAL40 GOOD-ARK-GAAL40_15 Datasheet
53Kb / 1P
Press Fit Avalanche Automotive Rectifier (LUCAS) Avalanche Voltage 24 to 32Volts Current 40 Amps
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com