Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADOI Datasheet (PDF) - Maxim Integrated Products

ADOI Datasheet PDF - Maxim Integrated Products
Part # ADOI
Download  ADOI Download
File Size   192.48 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain

ADOI Datasheet (PDF)

Go To PDF Page Download Datasheet
ADOI Datasheet PDF - Maxim Integrated Products

Part # ADOI
Download  ADOI Click to download

File Size   192.48 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain

ADOI Datasheet (HTML) - Maxim Integrated Products


ADOI Product details

General Description

The MAX4376/MAX4377/MAX4378 single, dual, and quad precision high-side current-sense amplifiers are available in space-saving packages. They feature buffered voltage outputs that eliminate the need for gain-setting resistors and are ideal for today’s notebook computers, cell phones, and other systems where current monitoring is critical.



Features

♦Low-Cost, Single/Dual/Quad, High-Side Current Sense Amplifiers

♦±0.5% Typical Full-Scale Accuracy

♦+3V to +28V Supply Operation

♦Adjustable Current-Sense Capability with External Sense Resistor

♦Buffered Output Voltage with 2mA Drive

♦1mA (typ) Supply Current

♦2.0MHz Bandwidth (Gain = +20V/V)

♦Automotive Temperature Range (-40°C to +125°C)

♦Full 0 to 28V Common-Mode Range, Independent of Supply Voltage

♦Three Gain Versions Available

+20V/V (MAX437_T)

+50V/V (MAX437_F)

+100V/V (MAX437_H)

♦Available in Space-Saving 5-Pin SOT23 (Single), 8-Pin µMAX (Dual), and 14-Pin TSSOP (Quad)




Similar Part No. - ADOI

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
ADO300 ADVANCEDENERGY-ADO300 Datasheet
423Kb / 6P
300 Watt 1/8 Brick DC-DC Converter
ADO500 ADVANCEDENERGY-ADO500 Datasheet
199Kb / 5P
500 - 550 Watt 1/8 Brick DC-DC Converter
More results


Similar Description - ADOI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376_12 Datasheet
1Mb / 11P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376HAUKVT MAXIM-MAX4376HAUKVT Datasheet
405Kb / 11P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com