Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4493 Datasheet (PDF) - Maxim Integrated Products

MAX4493 Datasheet PDF - Maxim Integrated Products
Part # MAX4493
Download  MAX4493 Download
File Size   435.93 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps

MAX4493 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4493 Datasheet PDF - Maxim Integrated Products

Part # MAX4493
Download  MAX4493 Click to download

File Size   435.93 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps

MAX4493 Datasheet (HTML) - Maxim Integrated Products


MAX4493 Product details

General Description

The MAX4493/MAX4494/MAX4495 single/dual/quad general-purpose operational amplifiers are designed for use in systems powered with dual supplies from ±2.25V to ±5.5V or with a single supply of +4.5V to +11V. These op amps provide a unity-gain bandwidth of 5MHz with only 770µA of quiescent current per amplifier. The wide input common-mode range extends from 200mV beyond the negative rail to within 1.5V of the positive supply rail while the output swings within 10mV (RL= 100kΩ) of either rail.



Features

♦770µA Supply Current per Amplifier

♦Operates from Dual ±2.25V to ±5.5V Supplies

♦5MHz Gain-Bandwidth Product

♦Rail-to-Rail Output Swing

♦Input Voltage Range Extends 200mV Below the Negative Rail

♦110dB Open-Loop Gain (RL= 100kΩ)

♦Low THD+N of 0.002% (f = 1kHz)

♦No Phase Reversal for Overdriven Inputs

♦Unity-Gain Stable

♦ Available in Space-Saving Packages

   5-Pin SC70 (MAX4493)

   8-Pin SOT23 (MAX4494)

   14-Pin TSSOP (MAX4495)



Applications

Battery-Powered Systems

DAC Output Amplifiers

Industrial Control Systems

Voltage Reference Generators

Signal Conditioning




Similar Part No. - MAX4493

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493 Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493AUK+T MAXIM-MAX4493AUK+T Datasheet
625Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4493AUK-T MAXIM-MAX4493AUK-T Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493AXK+T MAXIM-MAX4493AXK+T Datasheet
625Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4493AXK-T MAXIM-MAX4493AXK-T Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
More results


Similar Description - MAX4493

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493_08 Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX4464 MAXIM-MAX4464_11 Datasheet
631Kb / 19P
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 4; 7/11
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com