Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4502CPA Datasheet (PDF) - Maxim Integrated Products

MAX4502CPA Datasheet PDF - Maxim Integrated Products
Part # MAX4502CPA
Download  MAX4502CPA Download
File Size   313.84 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, SPST, CMOS Analog Switches

MAX4502CPA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4502CPA Datasheet PDF - Maxim Integrated Products

Part # MAX4502CPA
Download  MAX4502CPA Click to download

File Size   313.84 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, SPST, CMOS Analog Switches

MAX4502CPA Datasheet (HTML) - Maxim Integrated Products


MAX4502CPA Product details

General Description
The MAX4501/MAX4502 are single-pole/single-throw (SPST), low-voltage, single-supply, CMOS analog switches. The MAX4501 is normally open (NO). The MAX4502 is normally closed (NC).
These CMOS switches can operate continuously with a single supply between +2V and +12V. Each switch can handle Rail-to-Rail® analog signals. The off-leakage current is only 1nA at +25°C or 10nA at +85°C.
The digital input has 0.8V and 2.4V logic thresholds, ensuring TTL/CMOS-logic compatibility when using a single +5V supply.

Features
♦ Available in SOT23-5 and SC70-5 Packages
♦ +2V to +12V Single-Supply Operation
♦ Guaranteed On-Resistance: 250Ω at +5V
♦ Guaranteed Low Off-Leakage Current
   1nA at +25°C
   10nA at +85°C
♦ Guaranteed Low On-Leakage Current
   2nA at +25°C
   20nA at +85°C
♦ Low Charge Injection: 10pC
♦ Fast Switching Speed: tON = 75ns, tOFF = 50ns
♦ TTL/CMOS-Logic Compatible with +5V Supply

Applications
   Battery-Operated Equipment
   Audio and Video Signal Routing
   Low-Voltage Data-Acquisition Systems
   Communications Circuits
   PCMCIA Cards
   Cellular Phones
   Modems




Similar Part No. - MAX4502CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4502CPA MAXIM-MAX4502CPA Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results


Similar Description - MAX4502CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com