Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2244 Datasheet (PDF) - New Japan Radio

NJM2244 Datasheet PDF - New Japan Radio
Part # NJM2244
Download  NJM2244 Download
File Size   203.26 Kbytes
Page   5 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?

NJM2244 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2244 Datasheet PDF - New Japan Radio

Part # NJM2244
Download  NJM2244 Click to download

File Size   203.26 Kbytes
Page   5 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?

NJM2244 Datasheet (HTML) - New Japan Radio


NJM2244 Product details

■ GENERAL DESCRIPTION
The NJM2244 is a three input integrated video switch, which selects one video signal from three input signals. It contains driver circuit for 75Ω load and is able to connect to TV monitor. Its operating supply voltage range is 5 to 12v and bandwidth is 10MHz. Crosstalk is 70dB (at 4.43MHz). NJM2244 contains clamp function and it can be operated while setting DC level fixed in position of the video signal.

■ FEATURES
 Operating Voltage 4.75 to 13V
 3 input - 1 Output
 Internal Driver Circuit for 75Ω Impedance
 Muting Function available
 Internal Clamp Function
 Low power Dissipation 16.5mA
 Cross-talk 70dB (at 4.43MHz)
 Wide Frequency Range 10MHz (2VP-P Input)
 Package Outline DIP8, DMP8, SIP8
 Bipolar Technology

■ APPLICATION
 VCR Video Camera AV-TV Video Disc Player




Similar Part No. - NJM2244

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2244 NJRC-NJM2244 Datasheet
145Kb / 5P
3-INPUT VIDEO SWITCH WITH 75 DRIVER
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
3-INPUT VIDEO SWITCH WITH 75 DRIVER
More results


Similar Description - NJM2244

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2243 NJRC-NJM2243 Datasheet
200Kb / 5P
3-INPUT VIDEO SWITCH WITH 75OHM DRIVER
NJM2263 NJRC-NJM2263 Datasheet
199Kb / 5P
3-INPUT VIDEO SUPER IMPOSER WITH 75OHM DRIVER?
NJM2264 NJRC-NJM2264 Datasheet
197Kb / 5P
3-INPUT VIDEO SUPER IMPOSER WITH 75OHM DRIVER???
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
NJM2268 NJRC-NJM2268 Datasheet
388Kb / 11P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER?
logo
Sanyo Semicon Device
LA73052 SANYO-LA73052 Datasheet
252Kb / 6P
4ch 75ohm Video Driver
logo
Rohm
BA7666FS ROHM-BA7666FS_1 Datasheet
180Kb / 6P
3 channel 75ohm driver
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
logo
Unisonic Technologies
M3366 UTC-M3366_11 Datasheet
202Kb / 6P
3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
logo
New Japan Radio
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
3-INPUT VIDEO SWITCH WITH 75 DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com