Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4536 Datasheet (PDF) - Maxim Integrated Products

MAX4536 Datasheet PDF - Maxim Integrated Products
Part # MAX4536
Download  MAX4536 Download
File Size   118.89 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad, Low-Voltage, SPST Analog Switches with Enable

MAX4536 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4536 Datasheet PDF - Maxim Integrated Products

Part # MAX4536
Download  MAX4536 Click to download

File Size   118.89 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad, Low-Voltage, SPST Analog Switches with Enable

MAX4536 Datasheet (HTML) - Maxim Integrated Products


MAX4536 Product details

General Description
The MAX4536/MAX4537/MAX4538 are quad, low-voltage, single-pole/single-throw (SPST) analog switches with a common enable pin. They are pin compatible with the industry-standard 74HC4316. The MAX4536 has four normally open (NO) switches, and the MAX4537 has four normally closed (NC) switches. The MAX4538 has two NO switches and two NC switches.

Features
♦ Pin Compatible with 74HC4316
♦ ±2.0V to ±6V Dual Supplies
   +2.0V to +12V Single Supply
♦ Four Separately Controlled SPST Switches
   with Common Enable
♦ 100Ω Signal Paths with Dual ±5V Supplies
   200Ω Signal Paths with Single +4.5V Supply
♦ Rail-to-Rail Signal Handling
♦ tON and tOFF = 100ns and 80ns at ±4.5V Supply
♦ Less than 1µW Power Consumption
♦ >2kV ESD Protection per Method 3015.7
♦ TTL/CMOS-Compatible Inputs
♦ Small Packages: PDIP, QSOP, Narrow SO

Applications
   Battery-Operated Equipment
   Low-Voltage Data Acquisition
   Test Equipment
   Avionics
   Portable Equipment
   Audio-Signal Routing
   Networking




Similar Part No. - MAX4536

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX453 MAXIM-MAX453 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4530 MAXIM-MAX4530 Datasheet
148Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530-MAX4532 MAXIM-MAX4530-MAX4532 Datasheet
148Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530C/D MAXIM-MAX4530C/D Datasheet
148Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530CAP MAXIM-MAX4530CAP Datasheet
148Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
More results


Similar Description - MAX4536

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com