Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4580 Datasheet (PDF) - Maxim Integrated Products

MAX4580 Datasheet PDF - Maxim Integrated Products
Part # MAX4580
Download  MAX4580 Download
File Size   193.25 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.25?? Dual SPST, CMOS Analog Switches

MAX4580 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4580 Datasheet PDF - Maxim Integrated Products

Part # MAX4580
Download  MAX4580 Click to download

File Size   193.25 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.25?? Dual SPST, CMOS Analog Switches

MAX4580 Datasheet (HTML) - Maxim Integrated Products


MAX4580 Product details

General Description

The MAX4580/MAX4590/MAX4600 dual analog switches feature low on-resistance of 1.25Ωmax. On-resistance is matched between switches to 0.25Ωmax and is flat (0.3Ωmax) over the specified signal range. Each switch can handle Rail-to-Rail®analog signals. The off-leakage current is only 2.5nA max at +85°C. These analog switches are ideal in low-distortion applications and are the preferred solution over mechanical relays in automat ic test equipment or applications where current switching is required. They have low power requirements, require less board space, and are more reliable than mechanical relays.



Features

Low On-Resistance (1.25Ωmax)

Guaranteed RONMatch Between Channels(0.25Ωmax)

Guaranteed RONFlatness Over Specified Signal Range (0.3Ωmax)

Rail-to-Rail Signal Handling

Guaranteed ESD Protection >2kV per Method 3015.7

Single-Supply Operation: +4.5V to +36V

Dual-Supply Operation: ±4.5V to ±20V

TTL/CMOS-Compatible Control Inputs




Similar Part No. - MAX4580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580CAE MAXIM-MAX4580CAE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580CPE MAXIM-MAX4580CPE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580CWE MAXIM-MAX4580CWE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580EAE MAXIM-MAX4580EAE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
More results


Similar Description - MAX4580

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
April 6, 2005
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
Dual/Quad SPST, CMOS Analog Switches
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com