Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4614 Datasheet (PDF) - Maxim Integrated Products

MAX4614 Datasheet PDF - Maxim Integrated Products
Part # MAX4614
Download  MAX4614 Download
File Size   167.41 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches

MAX4614 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4614 Datasheet PDF - Maxim Integrated Products

Part # MAX4614
Download  MAX4614 Click to download

File Size   167.41 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches

MAX4614 Datasheet (HTML) - Maxim Integrated Products


MAX4614 Product details

General Description
The MAX4614/MAX4615/MAX4616 quad, low-voltage, high-speed, single-pole/single-throw (SPST) analog switches are pin compatible with the industry-standard 74HC4066/MAX4610 analog switches. On-resistance (10Ω max) is matched between switches to 1Ω max and is flat (1Ω max) over the specified signal range. Each switch handles V+ to GND analog signal levels. Maximum off-leakage current is only 1nA at TA = +25°C and 6nA at TA = +85°C.
The MAX4614 has four normally open (NO) switches, and the MAX4615 has four normally closed (NC) switches. The MAX4616 has two NO switches and two NC switches. These CMOS switches operate from a single +2V to +5.5V supply. All digital inputs have +0.8V and +2.4V logic thresholds, ensuring TTL/CMOS logic compatibility when using a single +5V supply.

Features
♦ Fast Switching Times
   12ns tON, 10ns tOFF
♦ Pin Compatible with Industry-Standard
   74HC4066/MAX4610
♦ Guaranteed On-Resistance
   10Ω max (+5V supply)
   20Ω max (+3V supply)
♦ Guaranteed Match Between Channels (1Ω max)
♦ Guaranteed Flatness Over Signal Range (1Ω max)
♦ <6nA Off-Leakage Current Over Temperature
   (TA = +85°C)
♦ Rail-to-Rail® Signal Handling
♦ TTL/CMOS-Logic Compatible

Applications
  Battery-Operated Equipment
  Audio/Video Signal Routing
  Low-Voltage Data-Acquisition Systems
  Sample-and-Hold Circuits
  Communication Circuits




Similar Part No. - MAX4614

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4614CPD MAXIM-MAX4614CPD Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
MAX4614CSD MAXIM-MAX4614CSD Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
MAX4614CUD MAXIM-MAX4614CUD Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
MAX4614EPD MAXIM-MAX4614EPD Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
MAX4614ESD MAXIM-MAX4614ESD Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
More results


Similar Description - MAX4614

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
National Semiconductor ...
LMC13334 NSC-LMC13334 Datasheet
244Kb / 7P
Quad SPST High Voltage CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_V01 Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com