Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4638 Datasheet (PDF) - Maxim Integrated Products

MAX4638 Datasheet PDF - Maxim Integrated Products
Part # MAX4638
Download  MAX4638 Download
File Size   315.69 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers

MAX4638 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4638 Datasheet PDF - Maxim Integrated Products

Part # MAX4638
Download  MAX4638 Click to download

File Size   315.69 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers

MAX4638 Datasheet (HTML) - Maxim Integrated Products


MAX4638 Product details

General Description
The MAX4638/MAX4639 are single 8:1 and dual 4:1 CMOS analog multiplexers/demultiplexers (muxes/demuxes). Each mux operates from a single +1.8V to +5V supply or dual ±2.5V supplies. These devices feature 3.5Ω on-resistance (RON) when powered with a single +5V supply and have -75dB off-isolation and -85dB crosstalk from the output to each off channel. The switching times are 18ns tON and 7ns tOFF. They feature a -3dB 85MHz bandwidth and a guaranteed 0.25nA leakage current at +25°C.
A +1.8V to +5.5V operating range makes the MAX4638/MAX4639 ideal for battery-powered, portable instruments. All channels guarantee break-before-make switching. These parts feature bidirectional operation and can handle Rail-to-Rail® analog signals. All control inputs are TTL/CMOS-logic compatible. Decoding is in standard BCD format, and an enable input is provided to simplify cascading of devices. These devices are available in small 16-pin TQFN, TSSOP, and SO packages, as well as a 20-pin TQFN package.

Features
♦ Guaranteed RON
   3.5Ω (+5V or ±2.5V Supplies)
   6Ω (+3V Supply)
♦ Guaranteed 0.4Ω RON Match Between Channels
♦ Guaranteed 1Ω RON Flatness Over Signal Range
♦ Guaranteed Low Leakage Currents
   0.25nA at +25°C
♦ Switching Times: tON = 18ns, tOFF = 7ns
♦ +1.8V to +5.5V Single-Supply Operation
   ±2.5V Dual-Supply Operation
♦ Rail-to-Rail Signal Handling
♦ TTL/CMOS-Logic Compatible
♦ Crosstalk: -80dB (1MHz)
♦ Off-Isolation: -60dB (10MHz)

Applications
   Automatic Test Equipment
   Low-Voltage Data-Acquisition Systems
   Audio and Video Signal Routing
   Medical Equipment
   Battery-Powered Equipment
   Relay Replacement




Similar Part No. - MAX4638

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4638ESE+T MAXIM-MAX4638ESE+T Datasheet
248Kb / 14P
3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
MAX4638ETE+T MAXIM-MAX4638ETE+T Datasheet
248Kb / 14P
3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
MAX4638ETP+T MAXIM-MAX4638ETP+T Datasheet
248Kb / 14P
3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
MAX4638EUE+T MAXIM-MAX4638EUE+T Datasheet
248Kb / 14P
3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
More results


Similar Description - MAX4638

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
logo
Vishay Siliconix
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
Single 4 x 1 and Dual 2 x 1 Multiplexers
17-Feb-03
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
Single 4 x 1 and Dual 2 x 1 Multiplexers
14-May-07
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
logo
Vishay Siliconix
DG9414 VISHAY-DG9414_11 Datasheet
162Kb / 11P
Single 4 x 1 and Dual 2 x 1 Multiplexers
23-May-11
logo
Maxim Integrated Produc...
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
DG1208 MAXIM-DG1208 Datasheet
1Mb / 23P
Low-Leakage, Single 8-Channel and Dual 4-Channel, Analog Multiplexers
2021
logo
Vishay Siliconix
DG9415 VISHAY-DG9415_V01 Datasheet
165Kb / 11P
Single 4 x 1 and Dual 2 x 1 Multiplexers
23-May-11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com