Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX469 Datasheet (PDF) - Maxim Integrated Products

MAX469 Datasheet PDF - Maxim Integrated Products
Part # MAX469
Download  MAX469 Download
File Size   162.9 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Two-Channel, Triple/Quad RGB Video Switches and Buffers

MAX469 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX469 Datasheet PDF - Maxim Integrated Products

Part # MAX469
Download  MAX469 Click to download

File Size   162.9 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Two-Channel, Triple/Quad RGB Video Switches and Buffers

MAX469 Datasheet (HTML) - Maxim Integrated Products


MAX469 Product details

General Description
The MAX463–MAX470 series of two-channel, triple/quad buffered video switches and video buffers combines high-accuracy, unity-gain-stable amplifiers with high-performance video switches. Fast switching time and low differential gain and phase error make this series of switches and buffers ideal for all video applications. The devices are all specified for ±5V supply operation with inputs and outputs as high as ±2.5V when driving 150Ω loads (75Ω back-terminated cable).
Input capacitance is typically only 5pF, and channel-to channel crosstalk is better than 60dB, accomplished by surrounding all inputs with AC ground pins. The on board amplifiers feature a 200V/µs slew rate (300V/µs for AV = 2V/V amplifiers), and a bandwidth of 100MHz (90MHz for AV = 2V/V buffers). Channel selection is controlled by a single TTL-compatible input pin or by a microprocessor interface, and channel switch time is only 20ns.
For design flexibility, devices are offered with buffer amplifier gains of 1V/V or 2V/V for 75Ω back-terminated applications. Output amplifiers have a guaranteed output swing of ±2V into 75Ω.

Features
♦ 100MHz Unity-Gain Bandwidth
♦ 90MHz Bandwidth with 2V/V Gain
♦ 0.01%/0.03° Differential Gain/Phase Error
♦ Drives 50Ω and 75Ω Back-Terminated Cable Directly
♦ Wide Output Swing:
   ±2V into 75Ω
   ±2.5V into 150Ω
♦ 300V/µs Slew Rate (2V/V gain)
♦ 20ns Channel Switching Time
♦ Logic Disable Mode:
   High-Z Outputs
   Reduced Power Consumption
♦ Outputs May Be Paralleled for Larger Networks
♦ 5pF Input Capacitance (channel on or off)

Applications
   Broadcast-Quality Color-Signal Multiplexing
   RGB Multiplexing
   RGB Color Video Overlay Editors
   RGB Color Video Security Systems
   RGB Medical Imaging
   Coaxial-Cable Line Drivers




Similar Part No. - MAX469

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4690 MAXIM-MAX4690 Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4690CAE MAXIM-MAX4690CAE Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4690CPE MAXIM-MAX4690CPE Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4690CWE MAXIM-MAX4690CWE Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4690EAE MAXIM-MAX4690EAE Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
More results


Similar Description - MAX469

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
3.3V Triple and Quad Video Amplifiers
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
Triple Video Filter Driver for RGB and YUV Signals
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com