Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZD5227ASH Datasheet (PDF) - Cystech Electonics Corp.

ZD5227ASH Datasheet PDF - Cystech Electonics Corp.
Part # ZD5227ASH
Download  ZD5227ASH Download
File Size   287.12 Kbytes
Page   7 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 500mW Zener Diode Series

ZD5227ASH Datasheet (PDF)

Go To PDF Page Download Datasheet
ZD5227ASH Datasheet PDF - Cystech Electonics Corp.

Part # ZD5227ASH
Download  ZD5227ASH Click to download

File Size   287.12 Kbytes
Page   7 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 500mW Zener Diode Series

ZD5227ASH Datasheet (HTML) - Cystech Electonics Corp.


ZD5227ASH Product details

Description
The ZD5221ASH thru ZD5267ASH series covers zener voltage range from 2.4V to 75V, and is encapsulated in SOD-123 package, very suitable for low cost, low power voltage regulation application.

Features
• VZ tolerance : ±2%
• Ultra small surface mount package
• General purpose, medium current
• Planar die construction
• Pb-free lead plating and halogen-free package




Similar Part No. - ZD5227ASH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
200mW SOD-323 Zener Voltage Regulators
More results


Similar Description - ZD5227ASH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
500mW Zener Diode Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com