Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX478 Datasheet (PDF) - Maxim Integrated Products

MAX478 Datasheet PDF - Maxim Integrated Products
Part # MAX478
Download  MAX478 Download
File Size   256.69 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 17關A Max, Dual/Quad, Single-Supply, Precision Op Amps

MAX478 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX478 Datasheet PDF - Maxim Integrated Products

Part # MAX478
Download  MAX478 Click to download

File Size   256.69 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 17關A Max, Dual/Quad, Single-Supply, Precision Op Amps

MAX478 Datasheet (HTML) - Maxim Integrated Products


MAX478 Product details

General Description
The MAX478 and MAX479 are dual and quad micro power, precision op amps available in 8-pin and 14-pin DIP and small-outline packages, respectively. Both devices feature an extremely low, 17 µA max supply current per op amp, 70µV max offset voltage, 2.2µV/°C max offset voltage drift (0.5µV/°C typ), and 250pA max input offset current.
The MAX478 and MAX479 operate from a single supply. The input voltage range includes ground, and the output swings to within a few millivolts of ground, which eliminates pull-down resistors and saves power.
Both devices are optimized for single 3V and 5V supply operation, with guaranteed specifications at each supply voltage. Specifications for ±15V operation are also provided.

Features
♦ 17µA Max Supply Current (MAX478A/MAX479A)
♦ 70µV Max Offset Voltage (MAX478A)
♦ Single-Supply Operation:
   Input Voltage Range Includes Ground
   Output Swings to Ground While Sinking Current
   No Pull-Down Resistors Required
♦ Dual Op Amp in 8-Pin DIP/SO Package (MAX478)
   Quad Op Amp in 14-Pin DIP/SO Package (MAX479)
♦ 250pA Max Input Offset Current (MAX478A/MAX479A)
♦ 0.5µV/°C Offset-Voltage Drift
♦ Output Sources and Sinks 5mA Load Current

Applications
  Battery- or Solar-Powered Systems:
     Portable Instrumentation
     Remote Sensor Amplifier
     Satellite Circuitry
  Micropower Sample-and-Hold
  Thermocouple Amplifier
  Micropower Filters
  Single Lithium Cell Powered Systems




Similar Part No. - MAX478

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780 MAXIM-MAX4780 Datasheet
155Kb / 11P
0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4780ETE MAXIM-MAX4780ETE Datasheet
349Kb / 13P
0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780ETE MAXIM-MAX4780ETE Datasheet
155Kb / 11P
0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4780EUE MAXIM-MAX4780EUE Datasheet
349Kb / 13P
0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
More results


Similar Description - MAX478

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1178 LINER-LT1178 Datasheet
587Kb / 8P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178 Datasheet
305Kb / 12P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406 Datasheet
581Kb / 16P
1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
logo
Linear Integrated Syste...
LT1178 LINEAR-LT1178_1 Datasheet
240Kb / 12P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2178 LINER-LT2178_15 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178_15 Datasheet
246Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1179 LINER-LT1179_15 Datasheet
246Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com