Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX480 Datasheet (PDF) - Maxim Integrated Products

MAX480 Datasheet PDF - Maxim Integrated Products
Part # MAX480
Download  MAX480 Download
File Size   106.81 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision, Low-Voltage, Micropower Op Amp

MAX480 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX480 Datasheet PDF - Maxim Integrated Products

Part # MAX480
Download  MAX480 Click to download

File Size   106.81 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision, Low-Voltage, Micropower Op Amp

MAX480 Datasheet (HTML) - Maxim Integrated Products


MAX480 Product details

General Description
The MAX480 is a precision micropower operational amplifier with flexible power-supply capability. Its guaranteed 140µV maximum offset voltage (25µV typ) is the lowest of any micropower op amp. Similarly, input bias current, input offset current, and drift specifications are within tight limits.

Features
♦ Single- or Dual-Supply Operation: +1.6V to +36V, ±0.8V to ±18V
♦ True Single-Supply Operation: Input and Output Voltage Ranges Include Ground
♦ 2.0μV/°C Max Offset Voltage Drift
♦ 20μA Max Supply Current
♦ 5mA Min Output Drive
♦ 140μV Max Input Offset Voltage
♦ 3nA Max Input Bias Current
♦ 500V/mV Min Open-Loop Gain
♦ Standard 741 Pinout with Nulling to V

Applications
    Precision Micropower Amplifiers
    Micropower Signal Processing
    Battery-Powered Analog Circuits




Similar Part No. - MAX480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
MAX4800 MAXIM-MAX4800 Datasheet
212Kb / 16P
Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
MAX4800A MAXIM-MAX4800A Datasheet
323Kb / 15P
Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
Rev 1; 2/11
MAX4800ACCM MAXIM-MAX4800ACCM Datasheet
323Kb / 15P
Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
Rev 1; 2/11
MAX4800ACQI MAXIM-MAX4800ACQI Datasheet
323Kb / 15P
Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
Rev 1; 2/11
More results


Similar Description - MAX480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Linear Technology
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
Micropower, Single Supply, Precision Op Amp
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
Low Noise, High Speed Precision Op Amp
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
RH1078M Micropower, Dual, Single-Supply Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
Micropower, Single Supply, Precision Op Amp
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
Low Noise, High Speed Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
logo
Maxim Integrated Produc...
MAX480 MAXIM-MAX480_V01 Datasheet
232Kb / 7P
High-Precision, Low-Voltage, Micropower Op Amp
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com