Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S942 Datasheet (PDF) - Solid State Optronic

S942 Datasheet PDF - Solid State Optronic
Part # S942
Download  S942 Download
File Size   248.85 Kbytes
Page   7 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description High Blocking Voltage (800V MIN)

S942 Datasheet (PDF)

Go To PDF Page Download Datasheet
S942 Datasheet PDF - Solid State Optronic

Part # S942
Download  S942 Click to download

File Size   248.85 Kbytes
Page   7 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description High Blocking Voltage (800V MIN)

S942 Datasheet (HTML) - Solid State Optronic




Similar Part No. - S942

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
Zero-Volt Cross Switching
More results


Similar Description - S942

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
High Blocking Voltage (600V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
High Blocking Voltage (800V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
High Blocking Voltage (600V)
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
High Blocking Voltage
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
logo
Inchange Semiconductor ...
2SC5353 ISC-2SC5353 Datasheet
176Kb / 2P
Collector?밇mitter Sustaining Voltage: VCEO(SUS) = 800V(Min.)
2SK617 ISC-2SK617 Datasheet
67Kb / 2P
Drain Source Voltage-: VDSS= 800V(Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com