Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX501 Datasheet (PDF) - Maxim Integrated Products

MAX501 Datasheet PDF - Maxim Integrated Products
Part # MAX501
Download  MAX501 Download
File Size   362.15 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Voltage-Output, 12-Bit Multiplying DACs

MAX501 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX501 Datasheet PDF - Maxim Integrated Products

Part # MAX501
Download  MAX501 Click to download

File Size   362.15 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Voltage-Output, 12-Bit Multiplying DACs

MAX501 Datasheet (HTML) - Maxim Integrated Products


MAX501 Product details

General Description
The MAX501/MAX502 are 12-bit, 4-quadrant, voltage-output, multiplying digital-to-analog converters (DACs) with an output amplifier. Thin-film resistors, laser trimmed at the wafer level, maintain accuracy over the full operating temperature range.

Features
♦ 12Bit Voltage Output DAC
♦ +-10V and 5mA Output Drive
♦ monotonic Over Temperature
♦ Four range-Scalling Resistors
♦ 8+4 (MAX501) and 12-Bit (MAX502) Interface
♦ 24-Pin DIP and Wide SO Packages

Applications
   Digital Attenuators
   Programmable-Gain Amplifiers
   Servo Controls
   Digital to 4mA-to-20ma Converters
   Automatic Test Equipment
   Programmable Power Supplies




Similar Part No. - MAX501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5012 MAXIM-MAX5012 Datasheet
71Kb / 8P
12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEPI MAXIM-MAX5012AEPI Datasheet
71Kb / 8P
12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEQI MAXIM-MAX5012AEQI Datasheet
71Kb / 8P
12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012BEPI MAXIM-MAX5012BEPI Datasheet
71Kb / 8P
12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012BEQI MAXIM-MAX5012BEQI Datasheet
71Kb / 8P
12-Bit, 100Msps ECL DAC
Rev 0; 8/97
More results


Similar Description - MAX501

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
14-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MX7245 MAXIM-MX7245 Datasheet
194Kb / 6P
Complete, 12-Bit Voltage-Output DACs
Rev 0; 11/91
MX7545A MAXIM-MX7545A Datasheet
516Kb / 12P
CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
16-Bit Multiplying DACs
logo
Analog Devices
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD5444 AD-AD5444 Datasheet
625Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs
2/16-Rev. E to Rev. F
logo
Maxim Integrated Produc...
MAX7645 MAXIM-MAX7645 Datasheet
519Kb / 12P
CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com