Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDD400 Datasheet (PDF) - Solid State Optronic

SDD400 Datasheet PDF - Solid State Optronic
Part # SDD400_15
Download  SDD400 Download
File Size   673.2 Kbytes
Page   6 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description Compact 4pin DIP package

SDD400 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDD400 Datasheet PDF - Solid State Optronic

Part # SDD400_15
Download  SDD400 Click to download

File Size   673.2 Kbytes
Page   6 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description Compact 4pin DIP package

SDD400 Datasheet (HTML) - Solid State Optronic




Similar Part No. - SDD400_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDD400 SSOUSA-SDD400 Datasheet
731Kb / 6P
DC Input Photo-Darlington Optocoupler
logo
Solid State Inc
SDD400 SOLIDSTATE-SDD400 Datasheet
672Kb / 6P
Home Appliances
rev 1.42
More results


Similar Description - SDD400_15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Sharp Corporation
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-300E AVAGO-ACPL-790A-300E Datasheet
198Kb / 15P
Compact, Auto-Insertable DIP-8 Package
logo
Solid State Optronic
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
logo
Total Power Internation...
MDWI03 TOTAL-POWER-MDWI03 Datasheet
454Kb / 4P
Ultra compact DIP Package
MGWI06 TOTAL-POWER-MGWI06 Datasheet
459Kb / 4P
Ultra compact DIP Package
logo
Sharp Corporation
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
DIP 4pin Photocoupler
DATE Jan.15.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com