Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5023 Datasheet (PDF) - Maxim Integrated Products

MAX5023 Datasheet PDF - Maxim Integrated Products
Part # MAX5023
Download  MAX5023 Download
File Size   371.81 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with 關P Reset and Watchdog Timer

MAX5023 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5023 Datasheet PDF - Maxim Integrated Products

Part # MAX5023
Download  MAX5023 Click to download

File Size   371.81 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with 關P Reset and Watchdog Timer

MAX5023 Datasheet (HTML) - Maxim Integrated Products


MAX5023 Product details

General Description

The MAX5023/MAX5024 high-voltage linear regulators operate from a +6.5V to +65V input voltage and deliver up to 150mA of output current. These devices consume only 60µA of quiescent current with no load and with stand a -60V reverse-battery voltage at the input. The MAX5023/MAX5024 include an active-low internal microprocessor (µP) reset circuit that asserts when the regulator output drops below the preset output voltage

threshold by 7.5% or 12.5%, depending on the device selected. Both devices are available with a fixed +3.3V

or +5V output. These devices are short-circuit protected and include thermal shutdown.



Features

♦ Wide Operating Input Voltage Range

+6.5V to +65V

♦ Thermally Enhanced 8-Pin SO Package with Exposed Pad Dissipates 1.5W

♦ Guaranteed 150mA Output Current

♦ 60µA No-Load Supply Current

♦ -60V Reverse-Battery Protection

♦ Preset +3.3V or +5.0V Output Voltage

♦ Thermal and Short-Circuit Protection

♦ Operate Over -40°C to +125°C Temperature Range

♦ Integrated µP Reset Circuit

♦ Watchdog Timer with 1.6s Timeout Period (MAX5023)

♦ Regulator Enable and Hold Inputs Implement Self-Holding Circuit

♦ SET Input for Adjustable Output Voltage(MAX5024)




Similar Part No. - MAX5023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5023 MAXIM-MAX5023_05 Datasheet
448Kb / 13P
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer
Rev 2; 5/05
MAX5023_ASA MAXIM-MAX5023_ASA Datasheet
448Kb / 13P
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer
Rev 2; 5/05
More results


Similar Description - MAX5023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
Voltage Regulator with Watchdog timer Reset
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
Micropower 關P Reset with Watchdog Timer
logo
Maxim Integrated Produc...
MAX5023 MAXIM-MAX5023_05 Datasheet
448Kb / 13P
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer
Rev 2; 5/05
logo
Rohm
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
Regulators with Voltage Detector and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com