Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5020 Datasheet (PDF) - Maxim Integrated Products

MAX5020 Datasheet PDF - Maxim Integrated Products
Part # MAX5020
Download  MAX5020 Download
File Size   328.33 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current-Mode PWM Controllers with Integrated Startup Circuit

MAX5020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5020 Datasheet PDF - Maxim Integrated Products

Part # MAX5020
Download  MAX5020 Click to download

File Size   328.33 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current-Mode PWM Controllers with Integrated Startup Circuit

MAX5020 Datasheet (HTML) - Maxim Integrated Products


MAX5020 Product details

General Description
The MAX5019/MAX5020 integrate all the building blocks necessary for implementing DC-DC fixed-frequency power supplies. Either primary- or secondary side regulation may be used to implement isolated or nonisolated power supplies. These devices are current mode controllers with an integrated high-voltage startup circuit suitable for telecom/industrial voltage range power supplies. Current-mode control with leading edge blanking simplifies control-loop design and internal ramp compensation circuitry stabilizes the current loop when operating at duty cycles above 50% (MAX5019).

Features
♦ Wide Input Range: (18V to 110V) or (13V to 36V)
♦ Isolated (without optocoupler) or Nonisolated Power Supply
♦ Current-Mode Control
♦ Leading-Edge Blanking
♦ Internally Trimmed 275kHz ±10% Oscillator
♦ Low External Component Count
♦ Soft-Start
♦ High-Voltage Startup Circuit
♦ Pulse-by-Pulse Current Limiting
♦ Thermal Shutdown
♦ SO-8 Package

Applications
   Telecom Power Supplies
   Industrial Power Supplies
   Networking Power Supplies
   Isolated Power Supplies




Similar Part No. - MAX5020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5021 MAXIM-MAX5021 Datasheet
240Kb / 11P
Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5021EPA MAXIM-MAX5021EPA Datasheet
240Kb / 11P
Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5021EUA MAXIM-MAX5021EUA Datasheet
240Kb / 11P
Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5021EUT MAXIM-MAX5021EUT Datasheet
240Kb / 11P
Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5022 MAXIM-MAX5022 Datasheet
240Kb / 11P
Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
More results


Similar Description - MAX5020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
Cherry Semiconductor Co...
CS5124 CHERRY-CS5124 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Maxim Integrated Produc...
MAX5014 MAXIM-MAX5014 Datasheet
319Kb / 14P
Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Rev 0; 7/01
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
BiCMOS Current-Mode PWM Controllers
09/14/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com