Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX495 Datasheet (PDF) - Maxim Integrated Products

MAX495 Datasheet PDF - Maxim Integrated Products
Part # MAX495
Download  MAX495 Download
File Size   230.88 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps

MAX495 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX495 Datasheet PDF - Maxim Integrated Products

Part # MAX495
Download  MAX495 Click to download

File Size   230.88 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps

MAX495 Datasheet (HTML) - Maxim Integrated Products


MAX495 Product details

General Description

The dual MAX492, quad MAX494, and single MAX495 operational amplifiers combine excellent DC accuracy with rail-to-rail operation at the input and output. Since the common-mode voltage extends from VCC to VEE, the devices can operate from either a single supply (+2.7V to +6V) or split supplies (±1.35V to ±3V). Each op amp requires less than 150µA supply current. Even with this low current, the op amps are capable of driving a 1kΩ load, and the input referred  voltage noise is only 25nV/√Hz. In addition, these op amps can drive loads in excess of 1nF.



Features

♦ Low-Voltage Single-Supply Operation (+2.7V to +6V)

♦ Rail-to-Rail Input Common-Mode Voltage Range

♦ Rail-to-Rail Output Swing

♦ 500kHz Gain-Bandwidth Product

♦ Unity-Gain Stable

♦ 150µA Max Quiescent Current per Op Amp

♦ No Phase Reversal for Overdriven Inputs

♦ 200µV Offset Voltage

♦ High Voltage Gain (108dB)

♦ High CMRR (90dB) and PSRR (110dB)

♦ Drives 1kΩ Load

♦ Drives Large Capacitive Loads

♦ MAX495 Available in µMAX Package—8-Pin SO



Applications

Portable Equipment

Battery-Powered Instruments

Data Acquisition

Signal Conditioning

Low-Voltage Applications



 




Similar Part No. - MAX495

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950ACTX+T MAXIM-MAX4950ACTX+T Datasheet
537Kb / 10P
Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950CTO+ MAXIM-MAX4950CTO+ Datasheet
392Kb / 10P
Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4951 MAXIM-MAX4951 Datasheet
245Kb / 8P
SATA I/SATA II Bidirectional Re-Driver
Rev 0; 6/08
More results


Similar Description - MAX495

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP191 AD-OP191 Datasheet
479Kb / 20P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV.0
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
logo
Maxim Integrated Produc...
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com