Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5100 Datasheet (PDF) - Maxim Integrated Products

MAX5100 Datasheet PDF - Maxim Integrated Products
Part # MAX5100
Download  MAX5100 Download
File Size   401.51 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs

MAX5100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5100 Datasheet PDF - Maxim Integrated Products

Part # MAX5100
Download  MAX5100 Click to download

File Size   401.51 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs

MAX5100 Datasheet (HTML) - Maxim Integrated Products


MAX5100 Product details

General Description
The MAX5100 parallel-input, voltage-output, quad 8-bit digital-to-analog converter (DAC) operates from a single +2.7V to +5.5V supply and comes in a space-saving 20-pin TSSOP package. Internal precision buffers swing Rail-to-Rail®, and the reference input range includes both ground and the positive rail. All four DACs share a common reference input.

Features
♦ +2.7V to +5.5V Single-Supply Operation
♦ Ultra-Low Supply Current
    0.4mA while Operating
    1nA in Shutdown Mode
♦ Ultra-Small 20-Pin TSSOP Package
♦ Ground to VDD Reference Input Range
♦ Output Buffer Amplifiers Swing Rail-to-Rail
♦ Double-Buffered Registers for Synchronous Updating
♦ Power-On Reset Sets All Registers to Zero

Applications
    Digital Gain and Offset Adjustments
    Programmable Attenuators
    Portable Instruments
    Power-Amp Bias Control




Similar Part No. - MAX5100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX510 MAXIM-MAX510 Datasheet
235Kb / 20P
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5101 MAXIM-MAX5101 Datasheet
429Kb / 8P
2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101AEUE MAXIM-MAX5101AEUE Datasheet
429Kb / 8P
2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101BEUE MAXIM-MAX5101BEUE Datasheet
429Kb / 8P
2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5102 MAXIM-MAX5102 Datasheet
454Kb / 8P
2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
More results


Similar Description - MAX5100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5101 MAXIM-MAX5101 Datasheet
429Kb / 8P
2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5102 MAXIM-MAX5102 Datasheet
454Kb / 8P
2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com