Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

99046 Datasheet (PDF) - List of Unclassifed Manufacturers

99046 Datasheet PDF - List of Unclassifed Manufacturers
Part # 99046
Download  99046 Download
File Size   976.31 Kbytes
Page   6 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 28W 120V AC 572mm Linear LED Module

99046 Datasheet (PDF)

Go To PDF Page Download Datasheet
99046 Datasheet PDF - List of Unclassifed Manufacturers

Part # 99046
Download  99046 Click to download

File Size   976.31 Kbytes
Page   6 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 28W 120V AC 572mm Linear LED Module

99046 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 99046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9904 ETC2-9904 Datasheet
98Kb / 2P
Tinned copper conductor, PVC insulation.
logo
Keystone Electronics Co...
9904 KEYSTONE-9904 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
9904 KEYSTONE-9904 Datasheet
270Kb / 1P
PHILIPS PAN HEAD SCREW
logo
List of Unclassifed Man...
99040 ETC2-99040 Datasheet
765Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99041 ETC2-99041 Datasheet
971Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Similar Description - 99046

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1877 NTE-NTE1877 Datasheet
22Kb / 2P
Integrated Circuit Module, Dual AF PO, 28W/Ch, Dual Power Supply
logo
List of Unclassifed Man...
99255 ETC2-99255 Datasheet
1Mb / 6P
56W 120V AC 204mm Square LED Module
99250 ETC2-99250 Datasheet
1Mb / 6P
114W 120V AC 204mm Square LED Module
98000 ETC2-98000 Datasheet
596Kb / 2P
LED Light Engine, 11??Linear Module
98026 ETC2-98026 Datasheet
615Kb / 2P
LED Light Engine, 23??Linear Module
logo
Phihong USA Inc.
PDA028A-1A4B-R PHIHONG-PDA028A-1A4B-R Datasheet
142Kb / 3P
28W LED Driver with 1400mA Constant Current LED Power Supply for Residential Lighting
logo
Schneider Electric
DL1BDG5 SCHNEIDER-DL1BDG5 Datasheet
85Kb / 1P
AMBER LED BULB 120V
Aug 10, 2019
logo
Molex Electronics Ltd.
SD-47745-100 MOLEX-SD-47745-100 Datasheet
358Kb / 1P
CMC 28W R/A HEADER
Rev. A3
logo
Seoul Semiconductor
SMJD-2V16W2P3 SEOUL-SMJD-2V16W2P3 Datasheet
376Kb / 14P
Acrich2 120V 17W Module
Rev. 00 Nov. 2012
logo
NHP Electrical Engineer...
1794-IA16 NHP-1794-IA16 Datasheet
523Kb / 1P
FLEX I/O 16DI 120V AC MODULE
7 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com