Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5188 Datasheet (PDF) - Maxim Integrated Products

MAX5188 Datasheet PDF - Maxim Integrated Products
Part # MAX5188
Download  MAX5188 Download
File Size   226.86 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs

MAX5188 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5188 Datasheet PDF - Maxim Integrated Products

Part # MAX5188
Download  MAX5188 Click to download

File Size   226.86 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs

MAX5188 Datasheet (HTML) - Maxim Integrated Products


MAX5188 Product details

General Description

The MAX5188 is a dual 8-bit, alternate-phase-update, current-output digital-to-analog converter (DAC) designed for superior performance in systems requiring analog signal reconstruction with low distortion and low-power operation. The MAX5191 provides equal specifications, with on-chip output resistors for voltage output operation. Both devices are designed for 10pVs glitch operation to reduce distortion and minimize unwanted spurious signal components at the output. An on-board +1.2V bandgap circuit provides a well-regulated, low-noise reference that may be disabled for external reference operation.

The MAX5188/MAX5191 are designed to provide a high level of signal integrity for the least amount of power dissipation. Both DACs operate from a +2.7V to +3.3V single supply. Additionally, these DACs have three modes of operation: normal, low-power standby, and full shutdown. A full shutdown provides the lowest possible power dissipation with a maximum shutdown current of 1µA. A fast wake-up time (0.5µs) from standby mode to full DAC operation allows for power conservation by activating the DACs only when required.



Features

♦ +2.7V to +3.3V Single-Supply Operation

♦ Wide Spurious-Free Dynamic Range: 70dB at fOUT = 2.2MHz

♦ Fully Differential Outputs for Each DAC

♦ ±0.5% FSR Gain Mismatch Between DAC Outputs

♦ Low-Current Standby or Full Shutdown Modes

♦ Internal +1.2V Low-Noise Bandgap Reference

♦ Small 28-Pin QSOP Package



Applications

  Signal Reconstruction Applications

  Digital Signal Processing

  Arbitrary Waveform Generators

  Imaging Applications



 




Similar Part No. - MAX5188

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
More results


Similar Description - MAX5188

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
8-Bit, 40MHz, Current/Voltage-Output DACs
2001
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com